データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN4488 データシート(PDF) 39 Page - STMicroelectronics

部品番号 AN4488
部品情報  Getting started with STM32F4xxxx MCU hardware development
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4488 データシート(HTML) 39 Page - STMicroelectronics

Back Button AN4488 Datasheet HTML 35Page - STMicroelectronics AN4488 Datasheet HTML 36Page - STMicroelectronics AN4488 Datasheet HTML 37Page - STMicroelectronics AN4488 Datasheet HTML 38Page - STMicroelectronics AN4488 Datasheet HTML 39Page - STMicroelectronics AN4488 Datasheet HTML 40Page - STMicroelectronics AN4488 Datasheet HTML 41Page - STMicroelectronics AN4488 Datasheet HTML 42Page - STMicroelectronics AN4488 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
DocID026304 Rev 3
39/44
AN4488
Reference design
43
Figure 26. STM32F407IG(H6) microcontroller reference schematic
1. If no external battery is used in the application, it is recommended to connect VBAT externally to VDD.
2. To be able to reset the device from the tools this resistor has to be kept.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44