データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UM1519 データシート(PDF) 21 Page - STMicroelectronics

部品番号 UM1519
部品情報  This user manual describes the ZigBee
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1519 データシート(HTML) 21 Page - STMicroelectronics

Back Button UM1519 Datasheet HTML 17Page - STMicroelectronics UM1519 Datasheet HTML 18Page - STMicroelectronics UM1519 Datasheet HTML 19Page - STMicroelectronics UM1519 Datasheet HTML 20Page - STMicroelectronics UM1519 Datasheet HTML 21Page - STMicroelectronics UM1519 Datasheet HTML 22Page - STMicroelectronics UM1519 Datasheet HTML 23Page - STMicroelectronics UM1519 Datasheet HTML 24Page - STMicroelectronics UM1519 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
UM1519
STM3220G-EVAL demonstration board
Doc ID 022813 Rev 2
21/40
21
PG12
Smartcard_CMDVCC &
CLD_VSYNC
Remove R128
23
PG10
FSMC_NE3
Remove LCD board MB785 from
CN19
25
PD7
FSMC_NE1
Remove R52
27
PD5
FSMC_NWE
-
29
PD3
FSMC_CLK
-
31
PD2
MicroSDCard_CMD
-
33
PD0
FSMC_D2 & CAN1_RX
JP10 open
35
PC11
MicroSDCard_D3 &
RS232/IrDA_RX
JP22 open
Remove MicroSD card from CN6
37
PA15
TDI
-
39
GND
-
-
2
PI7
DCMI_D7 & MC
Remove camera module from CN15.
Disconnect motor control board from
CN5
4
PI5
DCMI_VSYNC & MC
Remove camera module from CN15.
Disconnect motor control board from
CN5
6
PE1
FSMC_BL1
-
8
PB9
I2C1_SDA
Remove R111
10
GND
-
-
12
PB7
FSMC_NL
-
14
PB5
ULPI_D7 & CAN2_RX
JP10 open
16
PB3
TDO/SWO
-
18
PG14
MII_TXD1
Remove RS6
20
PG13
MII_TXD0
Remove RS6
22
PG11
MII_TX_EN
Remove RS6
24
PG9
FSMC_NE2
Remove R47
26
PD6
FSMC_NWAIT
Remove R54
28
PD4
FSMC_NOE
-
30
GND
-
-
32
PD1
FSMC_D3 &CAN1_TX
JP3 open
34
PC12
MicroSDCard_CLK
Remove MicroSD card from CN6
36
PC10
MicroSDCard_D2 &
RS232/IrDA_TX
Remove MicroSD card from CN6
Table 10.
Daughterboard extension connector CN4 (continued)
Pin
Description
Alternative function
How to disconnect with function
block on STM322xG-EVAL board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40