データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UM1695 データシート(PDF) 31 Page - STMicroelectronics

部品番号 UM1695
部品情報  This document provides a detailed description
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1695 データシート(HTML) 31 Page - STMicroelectronics

Back Button UM1695 Datasheet HTML 27Page - STMicroelectronics UM1695 Datasheet HTML 28Page - STMicroelectronics UM1695 Datasheet HTML 29Page - STMicroelectronics UM1695 Datasheet HTML 30Page - STMicroelectronics UM1695 Datasheet HTML 31Page - STMicroelectronics UM1695 Datasheet HTML 32Page - STMicroelectronics UM1695 Datasheet HTML 33Page - STMicroelectronics UM1695 Datasheet HTML 34Page - STMicroelectronics UM1695 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 46 page
background image
DocID025531 Rev 5
31/46
UM1695
Configuration variable reference
46
3
Configuration variable reference
The configuration variable space is split into two areas: production data (PDATA) and
configuration data. The production data space contains factory-set variables that can be
modified in RAM (AT+S.SCFG) but cannot be saved to non-volatile storage. The
configuration data space contains variables that can be written in RAM (AT+S.SCFG) and
written to non-volatile storage (AT&W). Additionally, the non-volatile values can be restored
to their factory state using the AT&F command.
Variables have the following types:
The following table lists the production data variables:
The following table lists the configuration data variables:
Table 3. Variable types
Type code
Description
TEXT[<len>]
Printable text up to <len> characters
HEX[<len>]
Octets, specified in hexadecimal, up to <len> octets
INT
Integer
IP
IP address or netmask, specified as a dotted-quad
Table 4. Production data variables
Variable
Sample Value
Type
Description
nv_manuf
ST
TEXT[32]
Manufacturer ID string
nv_model
SPWF01Sxyz
TEXT[32]
Manufacturer model string
nv_serial
1214003
TEXT[32]
Manufacturer serial number
nv_wifi_macaddr
02:4D:53:4D:00:01
HEX[6]
Manufacturer assigned 802.11 MAC
Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46