データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UM1755 データシート(PDF) 21 Page - STMicroelectronics

部品番号 UM1755
部品情報  The purpose of this document is to describe the design of the application
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1755 データシート(HTML) 21 Page - STMicroelectronics

Back Button UM1755 Datasheet HTML 17Page - STMicroelectronics UM1755 Datasheet HTML 18Page - STMicroelectronics UM1755 Datasheet HTML 19Page - STMicroelectronics UM1755 Datasheet HTML 20Page - STMicroelectronics UM1755 Datasheet HTML 21Page - STMicroelectronics UM1755 Datasheet HTML 22Page - STMicroelectronics UM1755 Datasheet HTML 23Page - STMicroelectronics UM1755 Datasheet HTML 24Page - STMicroelectronics UM1755 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 123 page
background image
DocID026257 Rev 2
21/123
UM1755
Vendor specific commands
123
4.3.2
GAP VS Commands
Table 17. GAP VS commands
Item
Command
CGID
CID
OpCode
1
Aci_Gap_Set_Non_Discoverable
0x01
0x01
0xFC81
2
Aci_Gap_Set_Limited_Discoverable
0x01
0x02
0xFC82
3
Aci_Gap_Set_Discoverable
0x01
0x03
0xFC83
4
Aci_Gap_Set_Direct_Connectable
0x01
0x04
0xFC84
5
Aci_Gap_Set_IO_Capability
0x01
0x05
0xFC85
6
Aci_Gap_Set_Auth_Requirement
0x01
0x06
0xFC86
7
Aci_Gap_Set_Author_Requirement
0x01
0x07
0xFC87
8
Aci_Gap_Pass_Key_Response
0x01
0x08
0xFC88
9
Aci_Gap_Authorization_Response
0x01
0x09
0xFC89
10
Aci_Gap_Init
0x01
0x0A
0xFC8A
11
Aci_Gap_Set_Non_Connectable
0x01
0x0B
0xFC8B
12
Aci_Gap_Set_Undirected_Connectable
0x01
0x0C
0xFC8C
13
Aci_Gap_Slave_Security_request
0x01
0x0D
0xFC8D
14
Aci_Gap_Update_Adv_Data
0x01
0x0E
0xFC8E
15
Aci_Gap_Delete_AD_Type
0x01
0x0F
0xFC8F
16
Aci_Gap_Get_Security_Level
0x01
0x10
0xFC90
17
Aci_Gap_Set_Event_Mask
0x01
0x11
0xFC91
18
Aci_Gap_Configure_WhiteList
0x01
0x12
0xFC92
19
Aci_Gap_Terminate
0x01
0x13
0xFC93
20
Aci_Gap_Clear_Security_Database
0x01
0x14
0xFC94
21
Aci_Allow_Rebond
0x01
0x15
0xFC95
22
Aci_Gap_Start_Limited_Discovery_Proc
0x01
0x16
0xFC96
23
Aci_Gap_Start_General_Discovery_Proc
0x01
0x17
0xFC97
24
Aci_Gap_Start_Name_Discovery_Proc
0x01
0x18
0xFC98
25
Aci_Gap_Start_Auto_Conn_Establishment
0x01
0x19
0xFC99
26
Aci_Gap_Start_General_Conn_Establishment
0x01
0x1A
0xFC9A
27
Aci_Gap_Start_Selective_Conn_Establishment
0x01
0x1B
0xFC9B
28
Aci_Gap_Create_Connection
0x01
0x1C
0xFC9C
29
Aci_Gap_Terminate_Gap_Procedure
0x01
0x1D
0xFC9D
30
Aci_Gap_Start_Connection_Update
0x01
0x1E
0xFC9E
31
Aci_Gap_Send_Pairing_Request
0x01
0x1F
0xFC9F
32
Aci_Gap_Resolve_Private_Address
0x01
0x20
0xFCA0
33
Aci_Gap_Get_Bonded_Devices
0x01
0x23
0xFCA3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More