データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN4630 データシート(PDF) 30 Page - STMicroelectronics

部品番号 AN4630
部品情報  PCB design guidelines for the BlueNRG and BlueNRG-MS devices
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4630 データシート(HTML) 30 Page - STMicroelectronics

Back Button AN4630 Datasheet HTML 25Page - STMicroelectronics AN4630 Datasheet HTML 26Page - STMicroelectronics AN4630 Datasheet HTML 27Page - STMicroelectronics AN4630 Datasheet HTML 28Page - STMicroelectronics AN4630 Datasheet HTML 29Page - STMicroelectronics AN4630 Datasheet HTML 30Page - STMicroelectronics AN4630 Datasheet HTML 31Page - STMicroelectronics AN4630 Datasheet HTML 32Page - STMicroelectronics AN4630 Datasheet HTML 33Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 30 / 33 page
background image
Design recommendations when using
WLCSP34 package
AN4630
Figure 27: Low-frequency crystal connection
The DC-DC converter inductor has to be placed as close as possible to the BlueNRG. The
INNER2 layer has to be kept empty under the DC-DC converter inductor. All these
recommendations are shown in Figure 28: "DC-DC converter inductor connection".
Figure 28: DC-DC converter inductor connection
30/33
DocID027262 Rev 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33