データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN4651 データシート(PDF) 13 Page - STMicroelectronics

部品番号 AN4651
部品情報  STM32F3 series peripheral interconnect matrix
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4651 データシート(HTML) 13 Page - STMicroelectronics

Back Button AN4651 Datasheet HTML 9Page - STMicroelectronics AN4651 Datasheet HTML 10Page - STMicroelectronics AN4651 Datasheet HTML 11Page - STMicroelectronics AN4651 Datasheet HTML 12Page - STMicroelectronics AN4651 Datasheet HTML 13Page - STMicroelectronics AN4651 Datasheet HTML 14Page - STMicroelectronics AN4651 Datasheet HTML 15Page - STMicroelectronics AN4651 Datasheet HTML 16Page - STMicroelectronics AN4651 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
DocID027426 Rev 1
13/34
AN4651
Interconnection descriptions
33
3
Interconnection descriptions
3.1
DMA interconnections
Peripherals manage the hardware DMA requests. Table 3 lists the DMA channels dedicated
to each peripheral.
Table 3. DMA interconnections in STM32F3 series devices(1)
Peripheral
STM32F303xB/CD/E
STM32F302xB/C/D/E
STM32F398xE
STM32F358xC
STM32F303x6/8
STM32F328x8
STM32F334x4/6/8
STM32302x6/8
STM32F373x8/B/C
STM32F378xC
ADC1
DMA1_Ch1
ADC2
DMA2_Ch1
DMA2_Ch3
DMA1_Ch2
DMA1_Ch4
ADC3
DMA2_Ch5
ADC4
DMA2_Ch2
DMA2_Ch4
SPI1
DMA1_Ch2 (SPI1_RX)
DMA1_Ch3 (SPI1_TX)
DMA1_Ch2/Ch4/Ch6
(SPI1_RX)
DMA1_Ch3/Ch5/CH7
(SPI1_TX)
DMA1_Ch2 (SPI1_RX)
DMA1_Ch3 (SPI1_TX)
SPI2
DMA1_Ch4 (SPI2_RX)
DMA1_Ch5 (SPI2_TX)
DMA1_Ch4 (SPI2_RX)
DMA1_Ch5 (SPI2_TX)
SPI3
DMA2_Ch1 (SPI3_RX)
DMA2_Ch2 (SPI3_TX)
DMA1_Ch2 (SPI3_RX)
DMA1_Ch3 (SPI3_TX)
DMA2_Ch1 (SPI3_RX)
DMA2_Ch2 (SPI3_TX)
SPI4
DMA2_Ch4 (SPI4_RX)
DMA2_Ch5 (SPI4_TX)
USART1
DMA1_Ch4 (USART1_TX)
DMA1_Ch5 (USART1_RX)
USART2
DMA1_Ch6 (USART2_RX)
DMA1_Ch7 (USART2_TX)
USART3
DMA1_Ch2 (USART3_TX)
DMA1_Ch3 (USART3_RX)
UART4
DMA2_Ch3 (UART4_RX)
DMA2_Ch5 (UART4_TX)
I2C1
DMA1_Ch6 (I2C1_TX)
DMA1_Ch7 (I2C1_RX)
DMA1_Ch2/Ch4/Ch6
(I2C1_TX)
DMA1_Ch3/Ch5/Ch7
(I2C1_RX)
DMA1_Ch6 (I2C1_TX)
DMA1_Ch7 (I2C1_RX)
I2C2
DMA1_Ch4 (I2C2_TX)
DMA1_Ch5 (I2C2_RX)
DMA1_Ch4 (I2C2_TX)
DMA1_Ch5 (I2C2_RX)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34