データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PM0237 データシート(PDF) 41 Page - STMicroelectronics

部品番号 PM0237
部品情報  The main purpose of this document is to provide a developer
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0237 データシート(HTML) 41 Page - STMicroelectronics

Back Button PM0237 Datasheet HTML 37Page - STMicroelectronics PM0237 Datasheet HTML 38Page - STMicroelectronics PM0237 Datasheet HTML 39Page - STMicroelectronics PM0237 Datasheet HTML 40Page - STMicroelectronics PM0237 Datasheet HTML 41Page - STMicroelectronics PM0237 Datasheet HTML 42Page - STMicroelectronics PM0237 Datasheet HTML 43Page - STMicroelectronics PM0237 Datasheet HTML 44Page - STMicroelectronics PM0237 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 88 page
background image
DocID027104 Rev 2
41/88
PM0237
Design an application using BlueNRG, BlueNRG-MS ACI APIs
88
3
Design an application using BlueNRG, BlueNRG-MS
ACI APIs
This section provides information and code examples about how to design and implement a
Bluetooth low energy application on the selected microcontroller.
User implementing a BLE host application on the selected MCU has to go through some
basic and common steps:
1.
Initialization phase and main application Loop
2.
BlueNRG, BlueNRG-MS events and events Callback setup
3.
Services and characteristic configuration (on GATT server)
4.
Create a connection: discoverable, connectable modes & procedures.
5.
Security (pairing & bonding)
6.
Service and characteristic discovery
7.
Characteristic notification/indications, write, read
8.
Basic/typical error conditions description
The STM32L1xx microcontroller is the reference external microcontroller used for the
programming guidelines described on the following sections, since the available BlueNRG,
BlueNRG-MS kits platforms are based on such microcontroller.
Note:
On the following sections, some user application “Defines” are used to simply identify the
devices Bluetooth low energy role (central, peripheral, client and server).
Further on each provided pseudo codes any reference to BlueNRG device is also valid for
the BlueNRG-MS device. Any specific difference is highlighted whenever it is needed by
using #ifdef BLUENRG_MS.
Table 31. User application defines for BLE devices role
Define
Description
GAP_CENTRAL
GAP central role
GAP_PERIPHERAL
GAP peripheral role
GATT_CLIENT
GATT client role
GATT_SERVER
GATT server role



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88