データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TN1206 データシート(PDF) 9 Page - STMicroelectronics

部品番号 TN1206
部品情報  Tape and reel shipping media for STM8 and STM32 microcontrollers in QFP packages
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN1206 データシート(HTML) 9 Page - STMicroelectronics

Back Button TN1206 Datasheet HTML 5Page - STMicroelectronics TN1206 Datasheet HTML 6Page - STMicroelectronics TN1206 Datasheet HTML 7Page - STMicroelectronics TN1206 Datasheet HTML 8Page - STMicroelectronics TN1206 Datasheet HTML 9Page - STMicroelectronics TN1206 Datasheet HTML 10Page - STMicroelectronics TN1206 Datasheet HTML 11Page - STMicroelectronics TN1206 Datasheet HTML 12Page - STMicroelectronics TN1206 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
DocID027388 Rev 3
9/16
TN1206
Device Orientation
15
4
Device Orientation
The largest axis of the component outline is perpendicular to the tape length.
The device is positioned in the carrier tape cavity as shown in Figure 4: Device orientation
on tape. Pin 1 is located on the top right corner of the package.
Figure 4. Device orientation on tape



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16