| データシートサーチシステム |
|
UM1759 データシート(PDF) 29 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1759 データシート(HTML) 29 Page - STMicroelectronics |
|
29 / 50 page ![]() DocID026279 Rev 1 29/50 UM1759 Wireless M-Bus firmware APIs 50 Description This function will update the data received from the meters over WMBus interface.This will ignore if the meter is not registered. Return type SpiritBool Table 28. WM-Bus application write meter database routine Name WMBUS_AppliWriteMeterDatabase Parameters None Description This function writes Meter database to internal EEPROM. Return type None Table 29. WM-Bus application get board manufacturing ID routine Name WMBus_GetBoardMnfID Parameters uint8_t *buff: The uint8_t array that contains the Board MFR ID. Description This function will return the board Manufacturer ID(MFR+IDENTIFICATION). Return type None Table 30. WM-Bus application get time routine Name WMBus_GetTime Parameters uint32_t *date, uint32_t *time Description This function will the return Date and time Return type SpiritBool Table 31. WM-Bus application get device type routine Name WMBus_GetWMBusDeviceType Parameters None Description This function will return the WMBus device type. Return type WMBusDeviceType_T: 0x01 -> METER 0x02 -> OTHER 0x03 -> ROUTER 0x04 -> SNIFFER 0xFF -> NOT_CONFIGURED Table 27. WM-Bus application update meter database routine |