データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LTC693 データシート(PDF) 13 Page - Linear Technology

部品番号 LTC693
部品情報  Microprocessor Supervisory Circuits
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LINER [Linear Technology]
ホームページ  http://www.linear.com
Logo LINER - Linear Technology

LTC693 データシート(HTML) 13 Page - Linear Technology

Back Button LTC693_15 Datasheet HTML 9Page - Linear Technology LTC693_15 Datasheet HTML 10Page - Linear Technology LTC693_15 Datasheet HTML 11Page - Linear Technology LTC693_15 Datasheet HTML 12Page - Linear Technology LTC693_15 Datasheet HTML 13Page - Linear Technology LTC693_15 Datasheet HTML 14Page - Linear Technology LTC693_15 Datasheet HTML 15Page - Linear Technology LTC693_15 Datasheet HTML 16Page - Linear Technology LTC693_15 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LTC692/LTC693
13
0692fb
APPLICATIONS INFORMATION
10μF
100μF
VIN
VOUT
ADJ
692_3 • F08
VCC
0.1μF
TO μP
PFO
GND
LT1086-5
VIN ≥ 7.5V
R4
10k
PFI
LTC692
LTC693
R1
51k
R2
10k
R3
300k
5V
+
+
10μF
10μF
VIN VOUT
ADJ
692_3 • F09
0.1μF
TO μP
LT1086-5
VIN ≥ 6.5V
R4
10k
R1
27k
R3
2.7M
R2
8.2k
5V
R5
3.3k
VCC
GND
PFO
PFI
LTC692
LTC693
+
+
Figure 8. Monitoring Unregulated DC Supply with the
LTC692/LT693 Power-Fail Comparator
Figure 9. Monitoring Regulated DC Supply with the
LTC692/LT693 Power-Fail Comparator
Example 1: The circuit in Figure 8 demonstrates the use
of the power-fail comparator to monitor the unregulated
power supply input. Assuming the the rate of decay of the
supply input VIN is 100mV/ms and the total time to execute
a shutdown procedure is 8ms. Also, the noise of VIN is
200mV. With these assumptions in mind, we can reason-
ably set VL = 7.25V which is 1.25V greater than the sum of
maximum reset voltage threshold and the dropout voltage
of LT
®1086-5 (4.5V + 1.5V) and VHYSTERESIS = 850mV.
V5V
R1
R3
850mV
R3 5.88 R1
HYSTERESIS ==
Choose R3 = 300k and R1 = 51k. Also select R4 = 10k
which is much smaller than R3.
7.25V = 1. 3V 1+
R2
(5V – 1.3V)51
51
1 3 310
kk
Vk
.(
)
⎝⎜
⎞⎞
⎠⎟
R2 = 10.1k, Choose nearest 5% resistor 10k and recal-
culate VL,
V1.3V 1
10 k
(5V – 1.3V)51
1.3V(310 k
L =+
⎝⎜
51k
k
) ⎟⎟
=
=+
+
⎝⎜
⎠⎟
=
732
.V
V1.3V 1
51k
10k
51k
300k
8.151
H
V
V
(7.32V – 6.25V)
100mV/ms
10.7ms
=
VHYSTERESIS = 8.151V – 7.32V = 831mV
The 10.7ms allows enough time to execute shutdown pro-
cedure for microprocessor and 831mV of hysteresis would
prevent PFO from going low due to the noise of VIN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com