データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BAS19WRVG データシート(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

部品番号 BAS19WRVG
部品情報  SOT-323 100-250V/200mA Switching Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TSC [Taiwan Semiconductor Company, Ltd]
ホームページ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BAS19WRVG データシート(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  BAS19WRVG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BAS19WRVG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BAS19WRVG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BAS19WRVG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd BAS19WRVG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PACKAGE OUTLINE DIMENSIONS
SOT-323
Min
Max
Min
Max
A
1.80
2.20
0.07
0.09
B
1.15
1.35
0.05
0.05
C
0.15
0.40
0.01
0.02
D
1.20
1.40
0.05
0.06
E
2.00
2.45
0.08
0.10
F
0.80
1.10
0.03
0.04
SUGGESTED PAD LAYOUT
A
B
C
D
PIN CONFIGURATION
Document Number: DS_S1405006
0.80
0.031
Version: B14
0.80
0.031
BAS19W/20W/21W
Taiwan Semiconductor
0.65
0.026
1.60
0.063
Typ.
Small Signal Product
DIM.
Unit (mm)
Unit (inch)
DIM.
Unit (mm)
Unit (inch)
Typ.



Html Pages

1 2 3 4 5