| データシートサーチシステム |
|
QL65D6SA データシート(PDF) 3 Page - Roithner LaserTechnik GmbH |
|
|
|||||||||||||||||||||||||||||
QL65D6SA データシート(HTML) 3 Page - Roithner LaserTechnik GmbH |
|
3 / 3 page ![]() 13.03.2012 QL65D6SA 3 of 3 Safety of Laser light • Laser Light can damage the human eyes and skin. Do not expose the eye or skin directly to any laser light and/or through optical lens. When handling the LDs, wear appropriate safety glasses to prevent laser light, even any reflections from entering to the eye. Focused laser beam through optical instruments will increase the chance of eye hazard. Cautions 1. Operating methode • This LD shall change its forward voltage requirement and optical ouput power according to temperature change. Also, the LD will require more operation current to maintain same ouput power as it degrades. In order to maintain output power, use of APC (Automatic Power Control) is recommended. Which use monitor feedback to adjust the operation current. • Confirm that electrical spike current generated by switching on and off does not exceed the maximum operating current level specified herein above as absolute maximum rating. Also, employ appropriat countermeasures to reduce chattering and/or overshooting in the circuit. 2. Static Electricity • Static electricity or electrical surges will reduce and degrade the reliability of the LDs. It is recommended to use a wrist trap or anti-electrostatic glove when handeling the product. 3. Absolute Maximum Rating • Active layer of LDs shall have high current density and generate high electric field during its operation. In order to prevent excessive damage, the LD must be operated striclty below absolute maximum rating. |