データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LT1396CS8 データシート(PDF) 9 Page - Linear Technology

部品番号 LT1396CS8
部品情報  Single/Dual/Quad 400MHz Current Feedback Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LINER [Linear Technology]
ホームページ  http://www.linear.com
Logo LINER - Linear Technology

LT1396CS8 データシート(HTML) 9 Page - Linear Technology

Back Button LT1396CS8 Datasheet HTML 4Page - Linear Technology LT1396CS8 Datasheet HTML 5Page - Linear Technology LT1396CS8 Datasheet HTML 6Page - Linear Technology LT1396CS8 Datasheet HTML 7Page - Linear Technology LT1396CS8 Datasheet HTML 8Page - Linear Technology LT1396CS8 Datasheet HTML 9Page - Linear Technology LT1396CS8 Datasheet HTML 10Page - Linear Technology LT1396CS8 Datasheet HTML 11Page - Linear Technology LT1396CS8 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LT1395/LT1396/LT1397
S
APPLICATI
I FOR ATIO
termination when considered in parallel with R9. Using
superposition, it is straightforward to determine the
output of amplifier A2. Although inverted, it sums the R,
G and B signals in the standard proportions of 0.3R,
0.59G and 0.11B that are used to create the Y signal.
Amplifier A3 then inverts and amplifies the signal by 2,
resulting in the Y output.
is attenuated via resistors R6 and R7 such that amplifier
A2’s noninverting input sees 0.83Y. Using superposition,
we can calculate the positive gain of A2 by assuming that
R8 and R9 are grounded. This results in a gain of 2.41 and
a contribution at the output of A2 of 2Y. The R-Y input is
amplified by A2 with the gain set by resistors R8 and R10,
giving an amplification of –1.02. This results in a contri-
bution at the output of A2 of 1.02Y – 1.02R. The B-Y input
is amplified by A2 with the gain set by resistors R9 and
R10, giving an amplification of – 0.37. This results in a
contribution at the output of A2 of 0.37Y – 0.37B.
If we now sum the three contributions at the output of A2,
we get:
A2OUT = 3.40Y – 1.02R – 0.37B
It is important to remember though that Y is a weighted
sum of R, G and B such that:
Y = 0.3R + 0.59G + 0.11B
If we substitute for Y at the output of A2 we then get:
A2OUT = (1.02R – 1.02R) + 2G + (0.37B – 0.37B)
= 2G
The back-termination resistor R11 then halves the output
of A2 resulting in the G output.
Figure 2. Buffered Color-Difference to RGB Matrix
+
A2
LT1395
R7
1k
B-Y
R-Y
Y
R10
267
R11
75
R6
205
R2
1k
R1
1k
R8
261
R9
698
+
A3
1/2 LT1396
R14
267
B
G
R16
75
R12
1k
R13
1k
R15
267
ALL RESISTORS 1%
VS = ± 5V
+
A1
1/2 LT1396
R3
267
R
R5
75
R4
267
1395/6/7 F02
Figure 1. Buffered RGB to Color-Difference Matrix
A2
1/4 LT1397
A3
1/4 LT1397
+
A1
1/4 LT1397
R7
255
R6
127
R5
255
R10
2320
R9
432
R11
82.5
R
G
B
R12
90.9
R13
76.8
ALL RESISTORS 1%
VS = ±5V
R8
845
75
SOURCES
R1
255
R2
255
R4
255
R3
255
B-Y
Y
R-Y
1395/6/7 F01
A4
1/4 LT1397
Buffered Color-Difference to RGB Matrix
An LT1395 combined with an LT1396 can be used to
create buffered RGB outputs from color-difference sig-
nals (Figure 2). The R output is a back-terminated 75
signal created using resistor R5 and amplifier A1 config-
ured for a gain of +2 via 255
Ω resistors R3 and R4. The
noninverting input of amplifier A1 is connected via 1k
resistors R1 and R2 to the Y and R-Y inputs respectively,
resulting in cancellation of the Y signal at the amplifier
input. The remaining R signal is then amplified by A1.
The B output is also a back-terminated 75
Ω signal
created using resistor R16 and amplifier A3 configured
for a gain of +2 via 255
Ω resistors R14 and R15. The
noninverting input of amplifier A3 is connected via 1k
resistors R12 and R13 to the Y and B-Y inputs respec-
tively, resulting in cancellation of the Y signal at the
amplifier input. The remaining B signal is then amplified
by A3.
The G output is the most complicated of the three. It is a
weighted sum of the Y, R-Y and B-Y inputs. The Y input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12