| データシートサーチシステム |
|
UPD75402AC データシート(PDF) 2 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD75402AC データシート(HTML) 2 Page - NEC |
|
2 / 48 page ![]() 2 µPD75402A(A) DIFFERENCES BETWEEN THE µPD75402A(A) AND µPD75402A FUNCTIONAL OVERVIEW Special Standard Item Quality grade Product µPD75402A(A) µPD75402A Function 37 • 0.95, 1.91, or 15.3 µs (when operating at 4.19 MHz) • Switchable among three speeds 1920 × 8 bits 64 × 4 bits 4 bits × 4 or 8 bits × 2 (memory mapping) • CMOS input ports : 6 lines • CMOS I/O ports : 12 lines (8 lines can drive the LED directly.) • N-ch open-drain I/O ports : 4 lines (All lines can drive the LED directly.) • Capable of controlling the incorporation of 16 pull-up resistors by software • Capable of controlling the incorporation of 4 pull-up resistors by mask option • 1.05 MHz, 524 kHz, or 65.5 kHz (when operating at 4.19 MHz) • Applicable to remote controller output 8-bit basic interval timer (watchdog timer applicable) • 8 bits • Two transfer modes (three-wire synchronous mode and SBI mode) One external and two internal interrupts One external input (See Chapter 6 for details.) STOP/HALT mode • Bit manipulation instructions (set, clear, test, and Boolean operation) • 1-byte relative branch instructions • 4-bit operation instructions (add, Boolean operation, and compare) • 4- and 8-bit transfer instructions • 28-pin plastic DIP (600 mil) • 28-pin plastic shrink DIP (400 mil) • 44-pin plastic QFP (10 × 10 mm) Item Number of basic instructions Minimum instruction execution time ROM RAM General register I/O line Pull-up resistor Clock output Timer/counter Serial interface Vectored interrupt Test input Standby Instruction set Package Built-in memory |