データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UPD75402ACT データシート(PDF) 20 Page - NEC

部品番号 UPD75402ACT
部品情報  4 BIT SINGLE-CHIP MICROCOMPUTER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NEC [NEC]
ホームページ  http://www.nec.com/
Logo NEC - NEC

UPD75402ACT データシート(HTML) 20 Page - NEC

Back Button UPD75402ACT Datasheet HTML 16Page - NEC UPD75402ACT Datasheet HTML 17Page - NEC UPD75402ACT Datasheet HTML 18Page - NEC UPD75402ACT Datasheet HTML 19Page - NEC UPD75402ACT Datasheet HTML 20Page - NEC UPD75402ACT Datasheet HTML 21Page - NEC UPD75402ACT Datasheet HTML 22Page - NEC UPD75402ACT Datasheet HTML 23Page - NEC UPD75402ACT Datasheet HTML 24Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 48 page
background image
20
µPD75402A(A)
6.
INTERRUPT FUNCTION
The
µPD75402A(A) has three interrupt sources and each of them has the interrupt vector table.
The
µPD75402A(A) is also provided with one edge-sensitive testable input signal.
When a vectored interrupt request is issued, the PC and PSW are saved in the stack, and the contents of
the vector table which corresponds to the issued vectored interrupt are set in the PC as a start address. The
program branches to the interrupt service routine. These operations are performed automatically by the
hardware.
The flag is set by detecting the edge of the testable input signal, but a vectored interrupt request is not
issued.
During execution of the interrupt service routine, the
µPD75402A(A) does not accept the other interrupt
requests. Unlike the other 75X series, the
µPD75402A(A) cannot handle multiple interrupts.
The interrupt control circuit of the
µPD75402A(A) has the following functions.
• Vectored interrupt function under hardware control which can determine whether to accept an interrupt
by an interrupt enable flag (IE
×××) and an interrupt master enable flag (IME).
• Any interrupt start address can be set.
• Test function of an interrupt request flag (IRQ
×××) (Software can confirm that an interrupt occurs.)
• Release of the standby (HALT) mode (An interrupt to be released by an interrupt enable flag can be selected
from interrupts other than INT0.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48