データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LTC3205 データシート(PDF) 9 Page - Linear Technology

部品番号 LTC3205
部品情報  Multidisplay LED Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LINER [Linear Technology]
ホームページ  http://www.linear.com
Logo LINER - Linear Technology

LTC3205 データシート(HTML) 9 Page - Linear Technology

Back Button LTC3205_15 Datasheet HTML 5Page - Linear Technology LTC3205_15 Datasheet HTML 6Page - Linear Technology LTC3205_15 Datasheet HTML 7Page - Linear Technology LTC3205_15 Datasheet HTML 8Page - Linear Technology LTC3205_15 Datasheet HTML 9Page - Linear Technology LTC3205_15 Datasheet HTML 10Page - Linear Technology LTC3205_15 Datasheet HTML 11Page - Linear Technology LTC3205_15 Datasheet HTML 12Page - Linear Technology LTC3205_15 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LTC3205
9
3205f
OPERATIO
APPLICATIO S I FOR ATIO
Interfacing to a Microcontroller
The serial port of the LTC3205 can be connected directly
to an MC68HC11 style microcontroller’s serial port. The
microcontroller should be configured as the master device
and its clock’s idle state should be set to high (MSTR = 1,
CPOL = 1 and CPHA = 1 for the MC68HC11 family).
Figure 5 shows the recommended configuration and
directon of data flow. Note that an additional I/O line is
Figure 5. Microcontroller Interface
µCONTROLLER
MOSI
SCK
GPIO
3205 F05
LTC3205
DIN
SCLK
LD
Unused MAIN or SUB Display LED Pins
Any of the six white LED pins (MAIN1-MAIN4, SUB1 and
SUB2) can cause the LTC3205 to switch from 1:1 mode to
2:3 charge pump mode if they drop out. If an unused LED
pin is left unconnected or grounded, it will automatically
drop out and force the LTC3205 into charge pump mode.
To avoid this problem, unused LED pins on the MAIN and
SUB displays should be connected to CPO. However, power
is not wasted in this configuration. When the LED pin voltage
is within approximately 1V of CPO, its LED current is
switched off and only a small 10
µA test current remains.
Figure 4 shows a block diagram of each of the MAIN and
SUB LED pins. The RED, GREEN and BLUE pins do not affect
the state of the charge pump so they can be left floating or
grounded if unused.
total of 4096 colors. Table 3 indicates the decoding of the
red, green and blue LEDs.
The full-scale currents in the red, green and blue LEDs are
controlled by the current at the IRGB pin in a similar manner
to those in the main and sub panels. The IRGB pin is
regulated at 1.223V and the LED current is a precise
multiple of the IRGB current.
The RGB display LED currents will follow the relationship:
I
V
R
RED GREENBLUE
RGB
,,
.
= 400
1 223
where RRGB is the value of the resistor on the IRGB pin.
Figure 4. Internal MAIN and SUB Panel LED Disable Circuit
+
+
~1V
CPO
MAIN1-MAIN4
SUB1, SUB2
10
µA
3205 F04
ENABLE
ILED
Table 3. RGB Duty Cycles
D11
D10
D9
D8
D7
D6
D5
D4
HEX
DUTY
D3
D2
D1
D0
CODE
CYCLE (%)
0
0
0
0
0
0/15
0
0
0
1
1
1/15
0
0
1
0
2
2/15
0
0
1
1
3
3/15
0
1
0
0
4
4/15
0
1
0
1
5
5/15
0
1
1
0
6
6/15
0
1
1
1
7
7/15
1
0
0
0
8
8/15
1
0
0
1
9
9/15
1
0
1
0
A
10/15
1
0
1
1
B
11/15
1
1
0
0
C
12/15
1
1
0
1
D
13/15
1
1
1
0
E
14/15
1
1
1
1
F
15/15
RGB Illuminator Drivers
The red, green and blue LEDs can be individually set to
have a duty cycle ranging from 0/15 (off) to 15/15 (full on)
with 1/15 increments in between. The combination of 16
possible brightness levels gives the RGB indicator LED a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com