| データシートサーチシステム |
|
LTC1293BCS データシート(PDF) 16 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC1293BCS データシート(HTML) 16 Page - Linear Technology |
|
16 / 28 page ![]() 16 LTC1293/LTC1294/LTC1296 S APPLICATI I FOR ATIO STAA $102A LOAD DIN INTO SPI, START SCK WAIT2 LDAA $1029 CHECK SPI STATUS REG BPL WAIT2 CHECK IF TRANSFER IS DONE LDAA $102A LOAD LTC1294 MSBs INTO ACC A STAA $62 STORE MSBs IN $62 LDAA $52 LOAD DUMMY DIN INTO ACC A FROM $52 STAA $102A LOAD DUMMY DIN INTO SPI, START SCK WAIT3 LDAA $1029 CHECK SPI STATUS REG BPL WAIT3 CHECK IF TRANSFER IS DONE BSET $08,X,$01 D0 GOES HIGH (CS GOES HIGH) LDAA $102A LOAD LTC1294 LSBs IN ACC STAA $63 STORE LSBs IN $63 JMP LOOP START NEXT CONVERSION LABEL MNEMONIC OPERAND COMMENTS LDAA #$50 CONFIGURATION DATA FOR SPCR STAA $1028 LOAD DATA INTO SPCR ($1028) LDAA #$1B CONFIG. DATA FOR PORT D DDR STAA $1009 LOAD DATA INTO PORT D DDR LDAA #$10 LOAD DIN WORD INTO ACC A STAA $50 LOAD DIN DATA INTO $50 LDAA #$E0 LOAD DIN WORD INTO ACC A STAA $51 LOAD DIN DATA INTO $51 LDAA #$00 LOAD DUMMY DIN WORD INTO ACC A STAA $52 LOAD DUMMY DIN DATA INTO $52 LDX #$1000 LOAD INDEX REGISTER X WITH $1000 LOOP BCLR $08,X,$01 D0 GOES LOW (CS GOES LOW) LDAA $50 LOAD DIN INTO ACC A FROM $50 STAA $102A LOAD DIN INTO SPI, START SCK LDAA $1029 CHECK SPI STATUS REG WAIT1 BPL WAIT1 CHECK IF TRANSFER IS DONE LDAA $51 LOAD DIN INTO ACC A FROM $51 MC68HC11 CODE LABEL MNEMONIC OPERAND COMMENTS Hardware and Software Interface to Intel 8051 CS CLK DATA (DIN/DOUT) LTC1293 TD02 1 23 46 57 8 PS BIT LATCHED INTO LTC1294 8051 P1.2 OUTPUT DATA TO LTC1294 8051 P1.2 RECONFIGURED AS INPUT AFTER THE 8TH RISING CLK BEFORE THE 8TH FALLING CLK LTC1294 SEND A/D RESULT BACK TO 8051 P1.2 LTC1294 TAKES CONTROL OF DATA LINE ON 8TH FALLING CLK START B11 SGL/ DIFF ODD/ SIGN SEL 1 SEL 0 UNI MSB PS B10 B9 B8 B7 B6 B5 B4 B3 B2 B1 B0 Hardware and Software Interface to Intel 8051 LTC1293 TD02a DOUT FROM LTC1294 STORED IN 8051 RAM 00 0 0 B0 B2 B3 B1 B10 B11 LSB MSB R2 R3 B9 B8 B7 B6 B5 B4 CLK DOUT CS ANALOG INPUTS P1.4 P1.3 8051 DIN P1.2 MUX ADDRESS A/D RESULT LTC1294 |