| データシートサーチシステム |
|
LTC1380IS データシート(PDF) 7 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC1380IS データシート(HTML) 7 Page - Linear Technology |
|
7 / 12 page ![]() 7 LTC1380/LTC1393 TEST CIRCUITS SCL SD SDA RL 1k CL 35pF VD VC 1/2 • (VCC + VEE) SCL SDA 1V LTC1380 1.5V STOP CONDITION WITH EN = 1 STOP CONDITION WITH EN = 0 SCL 0.4V 1.5V 1V 20% tr < 20ns, tf < 20ns tON SDA 0.4V VD VC 1V 80% 1380/93 F01 tOFF Figure 3. Charge Injection Test SCL SD SDA CL 1000pF CHARGE INJECTION ∆Q = ∆VD • CL VD SCL SDA VC LTC1380 1.5V STOP CONDITION WITH EN = 1 STOP CONDITION WITH EN = 0 SCL 0.4V 1.5V SDA 0.4V VD VC ∆VD 1380/93 F03 ∆VD SCL SD SDA RL 1k VD VC2 1/2 • (VCC + VEE) OIRR = 20LOG10 (VD/VS) WHERE VS AND VD ARE THE AC VOLTAGE COMPONENTS AT S AND D VC1 1/2 • (VCC + VEE) VS 200mVP-P 100kHz SCL SDA LTC1380 1380/93 F02 Figure 2. Off-Channel Isolation (OIRR) Test Figure 1. Switch tON/tOFF Propagation Delay from SMBus STOP Condition |