データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS19310ACX6RFG データシート(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

部品番号 TS19310ACX6RFG
部品情報  Single-Stage PFC TRIAC Dimmable LED Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TSC [Taiwan Semiconductor Company, Ltd]
ホームページ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS19310ACX6RFG データシート(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  TS19310ACX6RFG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS19310ACX6RFG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS19310ACX6RFG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS19310ACX6RFG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS19310ACX6RFG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS19310ACX6RFG Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS19310ACX6RFG Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS19310ACX6RFG Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TS19310A/B
Single-Stage PFC
TRIAC Dimmable LED Driver
5/8
Version: A14
Typical Application Circuit
Application Information
Function Description
The TS19310 is boundary conduction mode (BCM) operation with constant on time based regulator design to
achieve high power factor performance. The TS19310 has built-in functions of phase dimmable, and included
protection function related VCC over-voltage protection, open-LED protection, short-LED protection, over-
temperature protection, primary side current limit, and gate clamp is within. The TS19310 is the sense switch
current from CS voltage multiplier by test data input signal (TDIS) to get the output current information by system
close loop feedback.
The average output current can express by below formula.
S
S
P
OUT
R
2
*
0.333
N
N
I
Where:
● I
OUT is the average output current
● N
P is the primary-side turn ratio
● N
S is the secondary-side turn ratio
● 0.333 is the reference potential setting of IC
● 2 is the reference potential setting of IC
● η is the efficiency
● R
S is the sensing resistor connected between the MOSFET source and the GND
Pin Detail
Pin 1: Compensation
This is the output of the gm amplifier. Connect with a suitable RC network to ground.
Pin 2: Ground
GND is the reference node of internal circuit.



Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com