データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UPD77017 データシート(PDF) 19 Page - NEC

部品番号 UPD77017
部品情報  16 bits, Fixed-point Digital Signal Processor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NEC [NEC]
ホームページ  http://www.nec.com/
Logo NEC - NEC

UPD77017 データシート(HTML) 19 Page - NEC

Back Button UPD77017 Datasheet HTML 15Page - NEC UPD77017 Datasheet HTML 16Page - NEC UPD77017 Datasheet HTML 17Page - NEC UPD77017 Datasheet HTML 18Page - NEC UPD77017 Datasheet HTML 19Page - NEC UPD77017 Datasheet HTML 20Page - NEC UPD77017 Datasheet HTML 21Page - NEC UPD77017 Datasheet HTML 22Page - NEC UPD77017 Datasheet HTML 23Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 60 page
background image
19
µPD77015, 77017, 77018
2.3.6
CJC: Condition Judge Circuit
CJC judges whether condition is true or false with 40 bits input data. A conditional instruction is executed
when the result is true, and not executed when the result is false.
2.4
Memory
The
µPD77017 has one instruction memory area (64K words × 32 bits) and two data memory areas (64K words
× 16 bits each). It adopts Harvard-type architecture, with instruction memory area and data memory areas
separated.
The
µPD77017 has 2 sets of data addressing units, which are dedicated for addressing data memory area.
Each addressing unit consists of four data pointers, four index registers, a modulo register and addressing ALU.
X memory area addresses are specified by DP0 to DP3, and Y memory area addresses are specified by DP4
to DP7. After memory access, DPn (with the same subscript), can be modified by DNn value. Modulo operation
is performed with DMX for DP0 to DP3, with DMY for DP4 to DP7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60