データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LTC1727 データシート(PDF) 16 Page - Linear Technology

部品番号 LTC1727
部品情報  Micropower Precision Triple Supply Monitors in 8-Lead MSOP and 5-Lead SOT-23 Packages
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LINER [Linear Technology]
ホームページ  http://www.linear.com
Logo LINER - Linear Technology

LTC1727 データシート(HTML) 16 Page - Linear Technology

Back Button LTC1727 Datasheet HTML 8Page - Linear Technology LTC1727 Datasheet HTML 9Page - Linear Technology LTC1727 Datasheet HTML 10Page - Linear Technology LTC1727 Datasheet HTML 11Page - Linear Technology LTC1727 Datasheet HTML 12Page - Linear Technology LTC1727 Datasheet HTML 13Page - Linear Technology LTC1727 Datasheet HTML 14Page - Linear Technology LTC1727 Datasheet HTML 15Page - Linear Technology LTC1727 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
LTC1727/LTC1728
©LINEAR TECHNOLOGY CORPORATION 1999
17278f LT/TP 0400 4K • PRINTED IN THE USA
PART NUMBER
DESCRIPTION
COMMENTS
LTC690
5V Supply Monitor, Watchdog Timer and Battery Backup
4.65V Threshold
LTC694-3.3
3.3V Supply Monitor, Watchdog Timer and Battery Backup
2.9V Threshold
LTC699
5V Supply Monitor and Watchdog Timer
4.65V Threshold
LTC1232
5V Supply Monitor, Watchdog Timer and Push-Button Reset
4.37V/4.62V Threshold
LTC1326
Micropower Precision Triple Supply Monitor for 5V, 3.3V and ADJ
4.725V, 3.118V, 1V Thresholds (
±0.75%)
LTC1326-2.5
Micropower Precision Triple Supply Monitor for 2.5V, 3.3V and ADJ
2.363V, 3.118V, 1V Thresholds (
±0.75%)
LTC1443/LTC1444
Micropower Quad Comparators with 1% Reference
LTC1443 Has 1.182V Reference, LTC1444/LTC1445
LTC1445
Have 1.221V Reference and Adjustable Hysteresis
LTC1536
Precision Triple Supply Monitor for PCI Applications
Meets PCI tFAIL Timing Specifications
LTC1540
Nanopower Comparator with 2% Reference
1.182V Reference, 300nA Supply Current, 8-Pin MSOP
LTC1726-2.5
Micropower Triple Supply Monitor for 2.5V, 3.3V and ADJ
Adjustable RESET and Watchdog Time Outs
LTC1726-5
Micropower Triple Supply Monitor for 5V, 3.3V and ADJ
Adjustable RESET and Watchdog Time Outs
LTC1985-1.8
Micropower Triple Supply Monitor for 3.3V, 1.8V and ADJ
Push-Pull RESET Output, SOT-23
RELATED PARTS
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 q FAX:(408)434-0507 q www.linear-tech.com
TYPICAL APPLICATIO
Triple Supply Monitor with Manual Reset Button
VCC3
VCC5
VCCA
RST
GND
LTC1728-5
1727/28 TA02
100nF
5
5V
3.3V
12V (
±5%)
VTRIP = 11.2V
(
±0.17V)
1
2
R2
105k
0.1%
*OPTIONAL RESISTOR RECOMMENDED
TO EXTEND ESD TOLERANCE
R3*
10k
5%
MANUAL
RESET BUTTON
(NORMALLY OPEN)
4
3
R1
1.07M
0.1%
100nF
VTRIP =
(R1 + R2)
R1 = R2
– 1
VCCA
R2
()
VTRIP
VCCA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com