| データシートサーチシステム |
|
LTC2050CS6 データシート(PDF) 1 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC2050CS6 データシート(HTML) 1 Page - Linear Technology |
|
1 / 4 page ![]() 1 LTC2050 Zero-Drift Operational Amplifier in SOT-23 November 1999 s Thermocouple Amplifiers s Electronic Scales s Medical Instrumentation s Strain Gauge Amplifiers s High Resolution Data Acquisition s DC Accurate RC Active Filters S APPLICATI s SOT-23 Package s Maximum Offset Voltage of 3 µV s Maximum Offset Voltage Drift of 30nV/ °C s Noise: 1.5 µVP-P (0.1Hz to 10Hz Typ) s Voltage Gain: 140dB (Typ) s PSRR: 130dB (Typ) s CMRR: 130dB (Typ) s Supply Current: 0.8mA (Typ) s Single Supply Operation: 2.7V to 6V s Extended Common Mode Input Range s Output Swings Rail-to-Rail s Overload Recovery Time: 2ms (Typ) S FEATURE DESCRIPTIO The LTC ®2050 is a low drift operational amplifier available in the 5- or 6-lead SOT-23 and SO-8 packages. It operates from a single 2.7V supply while still supporting 5V appli- cations. The power consumption is 800 µA and the ver- sions in the 6-lead SOT-23 and SO-8 packages offer power shutdown (active low). The LTC2050, despite its miniature size, features uncom- promising DC performance. The typical input offset volt- age and offset drift are 0.5 µV and 10nV/°C. The almost zero DC offset and drift are supported with a power supply rejection ratio (PSRR) and common mode rejection ratio (CMRR) of more than 130dB. The input common mode voltage ranges from the negative supply up to 1V from the positive supply. The LTC2050 also has an enhanced output stage capable of driving loads as low as 1k Ω to both supply rails. The open-loop gain, loaded with 1k Ω,isinexcessof140dB.TheLTC2050 also features a 1.5 µVP-P DCto10Hznoiseanda3MHzgain bandwidth product. Input Referred Noise 0.1Hz to 10Hz Differential Bridge Amplifier APPLICATI TYPICAL , LTC and LT are registered trademarks of Linear Technology Corporation. – + 5V 1000pF 18.2k 1000pF 18.2k 7 6 4 3 2 0.1 µF 5V AV = 100 2050 TA01 350 Ω STRAIN GAUGE 50 Ω GAIN TRIM LTC2050 TIME (s) 0 3 1 8 LT2050 TA02 0 –1 –3 2 4 6 10 VS = 5V Information furnished by Linear Technology Corporation is believed to be accurate and reliable. However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen- tation that the interconnection of its circuits as described herein will not infringe on existing patent rights. Final Electrical Specifications |
同様の部品番号 - LTC2050CS6 |
|
同様の説明 - LTC2050CS6 |