データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LED430-02 データシート(PDF) 2 Page - Roithner LaserTechnik GmbH

部品番号 LED430-02
部品情報  Visible LED
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROITHNER [Roithner LaserTechnik GmbH]
ホームページ  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

LED430-02 データシート(HTML) 2 Page - Roithner LaserTechnik GmbH

  LED430-02 Datasheet HTML 1Page - Roithner LaserTechnik GmbH LED430-02 Datasheet HTML 2Page - Roithner LaserTechnik GmbH LED430-02 Datasheet HTML 3Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
02.10.2014
LED430-02
2 of 3
Typical Performance Curves
Relative Radiant Intensity – Wavelength
Precaution for Use
1. Cautions
• DO NOT look directly into the emitted light or look through the optical system. To prevent in
adequate exposure of the radiation, wear protective glasses.
2. Lead Forming
• When forming leads, the leads should be bent at a point at least 3 mm from the base of the
lead. DO NOT use the base of the leadframe as a fulcrum during lead forming.
• Lead forming should be done before soldering.
• DO NOT apply any bending stress to the base of the lead. The stress to the base may
damage the LED’s characteristics or it may break the LEDs.
• When mounted the LEDs onto the printed circuit board, the holes on the circuit board should
be exactly aligned with the leads of LEDs. If the LEDs are mounted with stress at the leads, it
causes deterioration of the lead and it will degrade the LEDs.



Html Pages

1 2 3