| データシートサーチシステム |
|
LTC491CS データシート(PDF) 11 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC491CS データシート(HTML) 11 Page - Linear Technology |
|
11 / 12 page ![]() 11 LTC491 Information furnished by Linear Technology Corporation is believed to be accurate and reliable. However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen- tation that the interconnection of its circuits as described herein will not infringe on existing patent rights. S APPLICATI TYPICAL RS232 Receiver LTC491 • TA18 5.6k Ω RECEIVER RS232 IN 1/2 LTC491 RX RS232 to RS485 Level Transistor with Hysteresis 120 Ω DRIVER Y Z R = 220k Ω 10k Ω RS232 IN 5.6k Ω LTC491 • TA19 HYSTERESIS = 10k Ω • ≈ 1/2 LTC491 VY - VZ ———— R 19k ———— R |