| データシートサーチシステム |
|
C503B-R-A データシート(PDF) 7 Page - Marktech Corporate |
|
|
|||||||||||||||||||||||||||||
C503B-R-A データシート(HTML) 7 Page - Marktech Corporate |
|
7 / 13 page ![]() 7 CLD-CT1079.000 Cree, Inc. 4600 Silicon Drive Durham, NC 27703 USA Tel: +1.919.313.5300 Fax: +1.919.313.5778 www.cree.com/ledlamps Copyright © 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc. Color Kit Number Viewing Angle Luminous Intensity (mcd) Dominant Wavelength Package Standoff Min. Max. Color Bin Min. (nm) Color Bin Max. (nm) Amber C503B-ACS-CW0Y0251 30 3000 8200 A2 584 A5 596 Bulk Yes Amber C503B-ACS-CW0X0341 30 3000 5860 A3 587 A4 593 Bulk Yes Amber C503B-ACS-CX0Y0341 30 4180 8200 A3 587 A4 593 Bulk Yes Amber C503B-ACN-CW0Y0251 30 3000 8200 A2 584 A5 596 Bulk No Amber C503B-ACN-CW0X0341 30 3000 5860 A3 587 A4 593 Bulk No Amber C503B-ACN-CX0Y0341 30 4180 8200 A3 587 A4 593 Bulk No Amber C503B-ACS-CW0Y0252 30 3000 8200 A2 584 A5 596 Ammo Yes Amber C503B-ACS-CW0X0342 30 3000 5860 A3 587 A4 593 Ammo Yes Amber C503B-ACS-CX0Y0342 30 4180 8200 A3 587 A4 593 Ammo Yes Amber C503B-ACN-CW0Y0252 30 3000 8200 A2 584 A5 596 Ammo No Amber C503B-ACN-CW0X0342 30 3000 5860 A3 587 A4 593 Ammo No Amber C503B-ACN-CX0Y0342 30 4180 8200 A3 587 A4 593 Ammo No Notes: 1. The above kit numbers represent order codes that include multiple intensity-bin and color-bin codes. Only one intensity-bin code and one color-bin code will be shipped on each reel. Single intensity-bin codes and single color- bin codes will not be orderable. 2. Please refer to the “Cree LED Lamp Reliability Test Standards” document for reliability test conditions. 3. Pleaserefertothe“CreeLEDLampSoldering&Handling”documentforinformationabouthowtousethisLED product safely. Amber (30 degree) |