| データシートサーチシステム |
|
UPD78323LP データシート(PDF) 7 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD78323LP データシート(HTML) 7 Page - NEC |
|
7 / 86 page ![]() 7 µPD78323, 78324 DIFFERENCES BETWEEN µPD78324 AND 78323 Internal ROM Input Input /output Port 4 (P40 to P47) Port 5 (P50 to P57) Port 9 (P90 to P93) Memory expansion mode register (MM) Port 5 mode register (PM5) Item I/O line Product Name Always P90 and P91 function as RD strobe and WR strobe signal output, respectively. Port 4 I/O mode is set as an 8-bit unit . Port 5 I/O mode is set bit-wise. Note Maintenance product µPD78324 µPD78323 32K bytes None 16 (dual-function as analog input: 8) 39 21 Specifiable as I/O as an 8-bit unit. Functions as multiplexed address/data buses Functions always as multiplexed address/data (AD0 to AD7) in the external memory expansion buses. mode. Specifiable as I/O bit-wise. Functions as address bus (A8 to A15) in the Functions always as address bus. external memory expansion mode. Specifiable as I/O bit-wise. In the external memory expansion mode, P90 and P91 function as RD strobe signal output and WR strobe signal output, respectively. In the external memory high-speed fetch mode, P92 P93 function as TAS output and TMD out- put respectively. In the µPD78324 emulation mode, turbo acces acces manager ( µPD71P301)Note PA and PB pins are controlled as port 4 and port 5 emulation pins. |