データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AZ767 データシート(PDF) 2 Page - ZETTLER Electronics

部品番号 AZ767
部品情報  SPDT SUBMINIATURE POWER RELAY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ZETTLER [ZETTLER Electronics]
ホームページ  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

AZ767 データシート(HTML) 2 Page - ZETTLER Electronics

  AZ767_15 Datasheet HTML 1Page - ZETTLER Electronics AZ767_15 Datasheet HTML 2Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
-
A ZETTLER
Company
ZETTLER electronics GmbH
Junkersstr. 3, D-82178 Puchheim, Germany
phone:
+49 89 800 97-0
fax:
+49 89 800 97-200
office@ZETTLERelectronics.com
www.ZETTLERelectronics.com
This product specification to be used only together with the application notes
which can be downloaded from http://www.ZETTLERelectronics.com/pdfs/relais/ApplicationNotes.pdf
GROUP
GROUP
2015-07-01
AZ767
RELAY ORDERING DATA
STANDARD RELAYS
COIL SPECIFICATIONS
ORDER NUMBER*
Nominal Coil
Must Operate
Max. Continuous
Coil Resistance
Form C (SPDT)
VDC
VDC
VDC
Ohm ± 10%
3
2.25
5.0
20
AZ767–1C–3D
5
3.75
8.3
55
AZ767–1C–5D
6
4.5
10.0
80
AZ767–1C–6D
9
6.75
15.0
180
AZ767–1C–9D
12
9.0
20.0
320
AZ767–1C–12D
18
13.5
30.0
720
AZ767–1C–18D
24
18.0
40.0
1,280
AZ767–1C–24D
48
36.0
80.0
5,120
AZ767–1C–48D
[2.54]
.100
[7.62]
.300
[11.20]
.441
[1.49]
.058
[10.59]
.417 MAX.
[15.59]
.614 MAX.
[1.85]
.073
[3.73]
.147
[18.80]
.740 MAX.
[1.85]
.073
[1.50]
.059
[ø1.3]
5 x ø .052
WIRING DIAGRAMS
PC BOARD LAYOUT
Viewed toward terminals
Viewed toward terminals
Form C
Dimensions in inches with metric equivalents in parentheses. Tolerance: ± .010"
MECHANICAL DATA
* “1C” denote silver cadmium oxide contacts.
Substitute “1CB” in place of “1C” for silver nickel contacts.
Add suffix “E” at the end of part number for epoxy sealed version.



Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com