データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LTC2758 データシート(PDF) 7 Page - Linear Technology

部品番号 LTC2758
部品情報  Dual Serial 18-Bit SoftSpan IOUT DACs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LINER [Linear Technology]
ホームページ  http://www.linear.com
Logo LINER - Linear Technology

LTC2758 データシート(HTML) 7 Page - Linear Technology

Back Button LTC2758_15 Datasheet HTML 3Page - Linear Technology LTC2758_15 Datasheet HTML 4Page - Linear Technology LTC2758_15 Datasheet HTML 5Page - Linear Technology LTC2758_15 Datasheet HTML 6Page - Linear Technology LTC2758_15 Datasheet HTML 7Page - Linear Technology LTC2758_15 Datasheet HTML 8Page - Linear Technology LTC2758_15 Datasheet HTML 9Page - Linear Technology LTC2758_15 Datasheet HTML 10Page - Linear Technology LTC2758_15 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
LTC2758
7
2758fa
For more information www.linear.com/LTC2758
TYPICAL PERFORMANCE CHARACTERISTICS
Settling Full-Scale Step
INL vs VDD
DNL vs VDD
Logic Threshold
vs Supply Voltage
Supply Current
vs Logic Input Voltage
Supply Current
vs Update Frequency
Mid-Scale Glitch (VDD = 3V)
VDD = 5V, V(RINX) = 5V, TA = 25°C, unless otherwise noted.
Mid-Scale Glitch (VDD = 5V)
Multiplying Frequency Response
vs Digital Code
VDD (V)
2.5
3.5
4
–1.0
–0.8
–0.6
–0.2
–0.4
0.4
0.2
0
0.6
0.8
1.0
5
4.5
5.5
2758 G10
3
+INL
–INL
0V TO 10V RANGE
VDD (V)
2.5
3.5
4
–1.0
–0.8
–0.6
–0.2
–0.4
0.4
0.2
0
0.6
0.8
1.0
5
4.5
5.5
2758 G11
3
+DNL
–DNL
0V TO 10V RANGE
ALL BITS ON
ALL BITS OFF
FREQUENCY (Hz)
100
1k
10k
–140
–100
–120
–60
–80
–40
–20
0
1M
100k
10M
2758 G12
0V TO 5V OUTPUT RANGE
LT1468 OUTPUT AMPLIFIER
CFEEDBACK = 15pF
D17
D16
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
500ns/DIV
CS/LD
5V/DIV
GATED
SETTLING
WAVEFORM
100µV/DIV
(AVERAGED)
2758 G13
LT1468 AMP; CFEEDBACK = 20pF
0V TO 10V STEP
VREF = –10V; SPAN CODE = 0000
tSETTLE = 1.8µs to 0.0004% (18 BITS)
DIGITAL INPUT VOLTAGE (V)
0
3
4
5
4
2758 G16
2
1
0
1
2
3
5
VDD = 5V
CLR, LDAC, SDI, SCK,
CS/LD TIED TOGETHER
VDD = 3V
VDD (V)
2.5
0.5
0.75
1
1.25
1.5
2
3
3.5
4
4.5
5
5.5
1.75
2758 G17
RISING
FALLING
SCK FREQUENCY (Hz)
1
0.0001
0.001
0.01
0.1
1
10
100
VDD = 5V
100
10k
1M
100M
2758 G18
VDD = 3V
ALTERNATING ZERO-SCALE
AND FULL-SCALE
500ns/DIV
CS/LD
5V/DIV
VOUT
5mV/DIV
(AVERAGED)
2758 G14
0V TO 5V RANGE
LT1468 OUTPUT AMPLIFIER
CFEEDBACK = 50pF
RISING MAJOR CARRY TRANSITION.
FALLING TRANSITION IS SIMILAR OR BETTER.
0.4nV•s TYP
500ns/DIV
CS/LD
5V/DIV
VOUT
5mV/DIV
(AVERAGED)
2758 G15
0V TO 5V RANGE
LT1468 OUTPUT AMPLIFIER
CFEEDBACK = 50pF
RISING MAJOR CARRY TRANSITION.
FALLING TRANSITION IS SIMILAR OR BETTER.
2nV•s TYP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com