データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PCB-DRIVER-41 データシート(PDF) 6 Page - Roithner LaserTechnik GmbH

部品番号 PCB-DRIVER-41
部品情報  led driver for mid-ir leds
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROITHNER [Roithner LaserTechnik GmbH]
ホームページ  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

PCB-DRIVER-41 データシート(HTML) 6 Page - Roithner LaserTechnik GmbH

  PCB-DRIVER-41 Datasheet HTML 1Page - Roithner LaserTechnik GmbH PCB-DRIVER-41 Datasheet HTML 2Page - Roithner LaserTechnik GmbH PCB-DRIVER-41 Datasheet HTML 3Page - Roithner LaserTechnik GmbH PCB-DRIVER-41 Datasheet HTML 4Page - Roithner LaserTechnik GmbH PCB-DRIVER-41 Datasheet HTML 5Page - Roithner LaserTechnik GmbH PCB-DRIVER-41 Datasheet HTML 6Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
www.roithner-laser.com
6
Outline Dimensions
Precautions
• Do not switch jumpers during work.
• Do not turn on the driver without jumpers inserted.
• Do not use multimeter to control and adjust current.
• Please keep the following driver’s regimes listed in the table below. Otherwise excessive load may
cause overheating and LED damage.
Maximum Allowed Current at Different Operation Modes
(Frequency and Pulse Duration)
Operation:
Indoor operation only.
Ingress Protection Rating IP00.
Pulse Duration
[µs]
Frequency
512 Hz
2 kHz
8 kHz
16 kHz
2
1.9
1.9
1.5
0.6
5
1.9
1.9
0.6
0.2
10
1.9
1.5
0.2
0.2
20
1.9
0.6
0.2
0.2
© All Rights Reserved
The above specifications are for reference purpose only and subjected to change without prior notice
PCB-driver-41
Connections
Frequency
adjustment jumper
Pulse duration
adjustment jumper
Power input
DC 12V 0.4A
LED input
2/5/10/20 µs
0.5/2/8/16 kHz
(optional connection)
synchro output
0.2/0.6/1.0/1.5/1.9А
External device:
synchronous
detector
(optional connection)
synchro input
0-5V, >10µs, 0.5-16kHz
Circuit break safety system
disabling jumper
External devices:
-
signal generator
-
input/output device



Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com