データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SDT02N02 データシート(PDF) 1 Page - SamHop Microelectronics Corp.

部品番号 SDT02N02
部品情報  S uper high dense cell design for low R DS (ON).
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SAMHOP [SamHop Microelectronics Corp.]
ホームページ  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SDT02N02 データシート(HTML) 1 Page - SamHop Microelectronics Corp.

  SDT02N02 Datasheet HTML 1Page - SamHop Microelectronics Corp. SDT02N02 Datasheet HTML 2Page - SamHop Microelectronics Corp. SDT02N02 Datasheet HTML 3Page - SamHop Microelectronics Corp. SDT02N02 Datasheet HTML 4Page - SamHop Microelectronics Corp. SDT02N02 Datasheet HTML 5Page - SamHop Microelectronics Corp. SDT02N02 Datasheet HTML 6Page - SamHop Microelectronics Corp. SDT02N02 Datasheet HTML 7Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
S mHop Microelectronics C orp.
a
SDT02N02
PRODUCT SUMMARY
VDSS
ID
RDS(ON) (
Ω) Typ
200V
2A
2.5 @ VGS=10V
N-Channel Enhancement Mode Field Effect Transistor
www.samhop.com.tw
Jun,07,2012
1
Details are subject to change without notice.
Ver 1.0
Green
Product
Symbol
VDS
VGS
IDM
A
ID
Units
Parameter
200
2
13
V
V
±30
Gate-Source Voltage
Drain-Source Voltage
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise noted)
Limit
Drain Current-Continuous
-Pulsed
a
A
42
W
PD
°C
2.98
-55 to 175
°C/W
TA=25°C
THERMAL CHARACTERISTICS
Maximum Power Dissipation
a
Operating Junction and Storage
Temperature Range
TJ, TSTG
Thermal Resistance, Junction-to-Ambient
R JA
TA=25°C
S urface Mount P ackage.
FE AT UR E S
S uper high dense cell design for low R DS (ON).
R ugged and reliable.
G
D
S
G
S
SOT-223


同様の部品番号 - SDT02N02

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
SDT02S60 INFINEON-SDT02S60 Datasheet
204Kb / 8P
Silicon Carbide Schottky Diode
Rev. 2.0 2004-03-22
More results

同様の説明 - SDT02N02

メーカー部品番号データシート部品情報
logo
SamHop Microelectronics...
STA6968 SAMHOP-STA6968 Datasheet
118Kb / 6P
S uper high dense cell design for low R DS (ON).
STM4470A SAMHOP-STM4470A Datasheet
123Kb / 7P
S uper high dense cell design for low R DS (ON).
STS2306A SAMHOP-STS2306A Datasheet
145Kb / 7P
S uper high dense cell design for low R DS (ON).
STS2306E SAMHOP-STS2306E Datasheet
141Kb / 7P
S uper high dense cell design for low R DS (ON).
STUD302S SAMHOP-STUD302S Datasheet
110Kb / 9P
S uper high dense cell design for low R DS (ON).
STUD303S SAMHOP-STUD303S Datasheet
190Kb / 8P
S uper high dense cell design for low R DS (ON).
STUD410S SAMHOP-STUD410S Datasheet
90Kb / 8P
S uper high dense cell design for low R DS (ON).
STUD428S SAMHOP-STUD428S Datasheet
100Kb / 9P
S uper high dense cell design for low R DS (ON).
STUD2030PLS SAMHOP-STUD2030PLS Datasheet
131Kb / 9P
S uper high dense cell design for low R DS (ON).
STUD3055L SAMHOP-STUD3055L Datasheet
125Kb / 8P
S uper high dense cell design for low R DS (ON).
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com