データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SDUD06N70 データシート(PDF) 3 Page - SamHop Microelectronics Corp.

部品番号 SDUD06N70
部品情報  Super high dense cell design for low RDS(ON).
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SAMHOP [SamHop Microelectronics Corp.]
ホームページ  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SDUD06N70 データシート(HTML) 3 Page - SamHop Microelectronics Corp.

  SDUD06N70 Datasheet HTML 1Page - SamHop Microelectronics Corp. SDUD06N70 Datasheet HTML 2Page - SamHop Microelectronics Corp. SDUD06N70 Datasheet HTML 3Page - SamHop Microelectronics Corp. SDUD06N70 Datasheet HTML 4Page - SamHop Microelectronics Corp. SDUD06N70 Datasheet HTML 5Page - SamHop Microelectronics Corp. SDUD06N70 Datasheet HTML 6Page - SamHop Microelectronics Corp. SDUD06N70 Datasheet HTML 7Page - SamHop Microelectronics Corp. SDUD06N70 Datasheet HTML 8Page - SamHop Microelectronics Corp. SDUD06N70 Datasheet HTML 9Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
www.samhop.com.tw
Oct,22,2014
3
Figure 1. Output Characteristics
VDS, Drain-to-Source Voltage (V)
Figure 2. Transfer Characteristics
VGS, Gate-to-Source Voltage (V)
ID, Drain Current (A)
Tj( C)
Tj, Junction Temperature ( C)
Tj, Junction Temperature ( C)
Figure 5. Gate Threshold Variation
with Temperature
Figure 6. Breakdown Voltage Variation
with Temperature
Tj, Junction Temperature ( C)
Drain Current and Temperature
Figure 4. On-Resistance Variation with
and Gate Voltage
Figure 3. On-Resistance vs. Drain Current
Ver 1.0
-55 C
Tj=125 C
25 C
VGS=10V
ID=3A
VDS=VGS
ID=250uA
ID=250uA
VGS=10V
VGS=4V
VGS=10V
VGS=5V
10
8
6
4
2
0
0
5
10
15
20
25
30
3.0
2.4
1.8
1.2
0.6
0
0
1
6
5
4
3
2
5
4
3
2
1
0
0.1
3.0
2.6
2.2
1.8
1.4
1.0
0
0
100
75
25
50
125
150
0.4
0.2
1.6
1.4
1.2
1.0
0.8
0.6
125 150
100
75
50
25
0
-25
-50
1.15
1.10
1.05
1.00
0.95
0.90
0.85
125 150
100
75
50
25
0
-25
-50
410
8
6
SDU/D06N70
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com