データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UVLED375E-SMD データシート(PDF) 6 Page - Roithner LaserTechnik GmbH

部品番号 UVLED375E-SMD
部品情報  375 nm SMD UVLED
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROITHNER [Roithner LaserTechnik GmbH]
ホームページ  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

UVLED375E-SMD データシート(HTML) 6 Page - Roithner LaserTechnik GmbH

  UVLED375E-SMD Datasheet HTML 1Page - Roithner LaserTechnik GmbH UVLED375E-SMD Datasheet HTML 2Page - Roithner LaserTechnik GmbH UVLED375E-SMD Datasheet HTML 3Page - Roithner LaserTechnik GmbH UVLED375E-SMD Datasheet HTML 4Page - Roithner LaserTechnik GmbH UVLED375E-SMD Datasheet HTML 5Page - Roithner LaserTechnik GmbH UVLED375E-SMD Datasheet HTML 6Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
24.04.2014
UVLED375E-SMD
6 of 6
4. Static Electricity
• The LEDs are very sensitive to Static Electricity and surge voltage. So it is recommended
that a wrist band or an anti-electrostatic glove be used when handling the LEDs.
• All devices, equipment and machinery must be grounded properly. It is recommended that
precautions should be taken against surge voltage to the equipment that mounts the LEDs.
5. Heat Generation
• The powered LEDs generate heat. Heat dissipation should be considered in the application
design to avoid the environmental conditions for operation in excess of the absolute
maximum ratings.
Outline Dimensons



Html Pages

1 2 3 4 5 6