| データシートサーチシステム |
|
CMLSH2-4LS データシート(PDF) 2 Page - Central Semiconductor Corp |
|
|
|||||||||||||||||||||||||||||
CMLSH2-4LS データシート(HTML) 2 Page - Central Semiconductor Corp |
|
2 / 4 page ![]() CMLSH2-4LA CMLSH2-4LC CMLSH2-4LS SURFACE MOUNT SILICON DUAL PAIR, LOW VF SCHOTTKY DIODES CMLSH2-4LA LEAD CODE: 1) Cathode D1 2) Cathode D2 3) Anode D3, D4 4) Cathode D4 5) Cathode D3 6) Anode D1, D2 MARKING CODE: 4AL SOT-563 CASE - MECHANICAL OUTLINE PIN CONFIGURATIONS CMLSH2-4LC LEAD CODE: 1) Anode D1 2) Anode D2 3) Cathode D3, D4 4) Anode D4 5) Anode D3 6) Cathode D1, D2 MARKING CODE: 4CL CMLSH2-4LS LEAD CODE: 1) Anode D1 2) Cathode D2 3) Anode D3, Cathode D4 4) Anode D4 5) Cathode D3 6) Cathode D1, Anode D2 MARKING CODE: 4SL www.centr a lsemi.com R7 (1-July 2015) |