データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STF445 データシート(PDF) 1 Page - SamHop Microelectronics Corp.

部品番号 STF445
部品情報  Super high dense cell design for low RDS(ON).
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SAMHOP [SamHop Microelectronics Corp.]
ホームページ  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STF445 データシート(HTML) 1 Page - SamHop Microelectronics Corp.

  STF445 Datasheet HTML 1Page - SamHop Microelectronics Corp. STF445 Datasheet HTML 2Page - SamHop Microelectronics Corp. STF445 Datasheet HTML 3Page - SamHop Microelectronics Corp. STF445 Datasheet HTML 4Page - SamHop Microelectronics Corp. STF445 Datasheet HTML 5Page - SamHop Microelectronics Corp. STF445 Datasheet HTML 6Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Suface Mount Package.
S mHop Microelectronics C orp.
a
STF445
Symbol
VDS
VGS
IDM
75
W
A
PD
°C
1.67
-55 to 150
ID
Units
Parameter
-20
-5.6
-28
°C/W
V
V
±10
TA=25°C
Gate-Source Voltage
Drain-Source Voltage
THERMAL CHARACTERISTICS
PRODUCT SUMMARY
VDSS
ID
RDS(ON) (m
Ω) Max
-20V
-5.6A
30
@
VGS=-4.0V
29
@
VGS=-4.5V
FEATURES
Super high dense cell design for low RDS(ON).
Rugged and reliable.
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise noted)
Limit
Drain Current-Continuous
a
-Pulsed b
A
Maximum Power Dissipation
a
Operating Junction and Storage
Temperature Range
TJ, TSTG
Thermal Resistance, Junction-to-Ambient
R JA
Ver 1.0
www.samhop.com.tw
May,06,2013
1
Details are subject to change without notice.
TA=25°C
TA=70°C
A
TA=70°C
W
Green
Product
ESD Protected.
-4.5
1.07
36
@
VGS=-3.1V
43
@
VGS=-2.5V
32
@
VGS=-3.7V
P-Channel Enhancement Mode Field Effect Transistor
S
G
D
d
T DF N 2X 2
P IN 1
S
D
D
D
D
G


同様の部品番号 - STF445

メーカー部品番号データシート部品情報
logo
SamHop Microelectronics...
STF443 SAMHOP-STF443 Datasheet
104Kb / 6P
Super high dense cell design for low RDS(ON).
More results

同様の説明 - STF445

メーカー部品番号データシート部品情報
logo
SamHop Microelectronics...
SDUD01N70 SAMHOP-SDUD01N70 Datasheet
161Kb / 11P
Super high dense cell design for low RDS(ON).
SDUD06N70 SAMHOP-SDUD06N70 Datasheet
137Kb / 11P
Super high dense cell design for low RDS(ON).
SDUD07N65 SAMHOP-SDUD07N65 Datasheet
137Kb / 11P
Super high dense cell design for low RDS(ON).
SP2106 SAMHOP-SP2106 Datasheet
115Kb / 7P
Super high dense cell design for low RDS(ON).
SP2702 SAMHOP-SP2702 Datasheet
115Kb / 7P
Super high dense cell design for low RDS(ON).
SP3902 SAMHOP-SP3902 Datasheet
118Kb / 7P
Super high dense cell design for low RDS(ON).
SP4401 SAMHOP-SP4401 Datasheet
129Kb / 8P
Super high dense cell design for low RDS(ON).
SP8007 SAMHOP-SP8007 Datasheet
120Kb / 8P
Super high dense cell design for low RDS(ON).
SP8076 SAMHOP-SP8076 Datasheet
85Kb / 6P
Super high dense cell design for low RDS(ON).
SP8601 SAMHOP-SP8601 Datasheet
103Kb / 7P
Super high dense cell design for low RDS(ON).
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com