| データシートサーチシステム |
|
UPD78P014 データシート(PDF) 13 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD78P014 データシート(HTML) 13 Page - NEC |
|
13 / 62 page ![]() 13 µPD78P014 Alternate Function A8 to A15 — RD WR WAIT ASTB (1) Port pins (2/2) P60 P61 P62 P63 P64 P65 P66 P67 Function Pin Name I/O After Reset Port 5 8-bit input/output port. LED can be driven directly. Input/output can be specified in 1-bit unit. When used as an input port, pull-up resistor can be used by software. Input Input/ output P50 to P57 Port 6 8-bit input/output port. Input/output can be specified in 1-bit unit. Input/ output N-ch open-drain input/ output port. LED can be driven directly. Input When used as an input port, pull-up resistor can be used by software. |