データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UPD78P324 データシート(PDF) 21 Page - NEC

部品番号 UPD78P324
部品情報  16-/8-Bit Single-Chip Microcomputers
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NEC [NEC]
ホームページ  http://www.nec.com/
Logo NEC - NEC

UPD78P324 データシート(HTML) 21 Page - NEC

Back Button UPD78P324 Datasheet HTML 17Page - NEC UPD78P324 Datasheet HTML 18Page - NEC UPD78P324 Datasheet HTML 19Page - NEC UPD78P324 Datasheet HTML 20Page - NEC UPD78P324 Datasheet HTML 21Page - NEC UPD78P324 Datasheet HTML 22Page - NEC UPD78P324 Datasheet HTML 23Page - NEC UPD78P324 Datasheet HTML 24Page - NEC UPD78P324 Datasheet HTML 25Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 80 page
background image
µPD78P324, 78P324(A)
21
3.3
PROCEDURE FOR PROM READ
The PROM content is read to the external data bus (D0-D7) in accordance with the following procedure:
(1) Fix to RESET = H; and AVDD = L. Other unused pins are processed as directed by the PIN CONFIGURATION.
(2) Supply +5 V to the VDD and VPP pins.
(3) Enter the address of the data read into the A0-A16 pin.
(4) Read mode (CE = L; OE = L)
(5) Data is output to the D0-D7 pin.
The timing of the above (2) to (5) is shown in Figure 3-4.
Figure 3-4. PROM Read Timing
Address input
Data output
A0-A14
CE (input)
OE (input)
D0-D7
Hi-Z
Hi-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80