データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UPD78P4908 データシート(PDF) 13 Page - NEC

部品番号 UPD78P4908
部品情報  16-BIT SINGLE-CHIP MICROCONTROLLER
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NEC [NEC]
ホームページ  http://www.nec.com/
Logo NEC - NEC

UPD78P4908 データシート(HTML) 13 Page - NEC

Back Button UPD78P4908 Datasheet HTML 9Page - NEC UPD78P4908 Datasheet HTML 10Page - NEC UPD78P4908 Datasheet HTML 11Page - NEC UPD78P4908 Datasheet HTML 12Page - NEC UPD78P4908 Datasheet HTML 13Page - NEC UPD78P4908 Datasheet HTML 14Page - NEC UPD78P4908 Datasheet HTML 15Page - NEC UPD78P4908 Datasheet HTML 16Page - NEC UPD78P4908 Datasheet HTML 17Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 64 page
background image
13
µPD78P4908
Data Sheet U11681EJ2V0DS00
(2) Non-port pins (1/2)
Pin
TO0-TO3
CI
RxD
RxD2
TxD
TxD2
ASCK
ASCK2
SI0
SI1
SI2
SI3
SO0
SO1
SO2
SO3
SCK0
SCK1
SCK2
SCK3
NMI
INTP0
INTP1
INTP2
INTP3
INTP4
INTP5
AD0-AD7
A8-A15
A16-A19
RD
WR
WAIT
REFRQ
HLDRQ
HLDAK
ASTB
I/O
Output
Input
Input
Output
Input
Input
Output
I/O
Input
I/O
Output
Output
Output
Output
Input
Output
Input
Output
Output
Function
Timer output
Input of a count clock for timer/counter 2
Serial data input (UART0)
Serial data input (UART2)
Serial data output (UART0)
Serial data output (UART2)
Baud rate clock input (UART0)
Baud rate clock input (UART2)
Serial data input (3-wire serial I/O 0)
Serial data input (3-wire serial I/O 1)
Serial data input (3-wire serial I/O 2)
Serial data input (3-wire serial I/O 3)
Serial data output (3-wire serial I/O 0)
Serial data output (3-wire serial I/O 1)
Serial data output (3-wire serial I/O 2)
Serial data output (3-wire serial I/O 3)
Serial clock I/O (3-wire serial I/O 0)
Serial clock I/O (3-wire serial I/O 1)
Serial clock I/O (3-wire serial I/O 2)
Serial clock I/O (3-wire serial I/O 3)
External interrupt request
—
• Input of a count clock for timer/counter 1
• Capture/trigger signal for CR11 or CR12
• Input of a count clock for timer/counter 2
• Capture/trigger signal for CR22
• Input of a count clock for timer/counter 2
• Capture/trigger signal for CR21
• Input of a count clock for timer/counter 0
• Capture/trigger signal for CR02
—
Input of a conversion start trigger for A/D converter
Time multiplexing address/data bus (for connecting external memory)
High-order address bus (for connecting external memory)
High-order address during address expansion (for connecting external memory)
Strobe signal output for reading the contents of external memory
Strobe signal output for writing on external memory
Wait signal insertion
Refresh pulse output to external pseudo static memory
Input of bus hold request
Output of bus hold response
Latch timing output of time multiplexing address (A0-A7) (for connecting
external memory)
Also used as
P34-P37
P23/INTP2
P30/SI1
P13/SI2
P31/SO1
P14/SO2
P25/INTP4/SCK1
P12/SCK2
P27
P30/RxD
P13/RxD2
P106
P33
P31/TxD
P14/TxD2
P107
P32
P25/INTP4/ASCK
P12/ASCK2
P105
P20
P21
P22
P23/CI
P24
P25/ASCK/SCK1
P26
P40-P47
P50-P57
P60-P63
P64
P65
P66/HLDRQ
P67/HLDAK
P66/WAIT
P67/REFRQ
CLKOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64