データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UPD98409 データシート(PDF) 21 Page - NEC

部品番号 UPD98409
部品情報  ATM LIGHT SAR CONTROLLER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NEC [NEC]
ホームページ  http://www.nec.com/
Logo NEC - NEC

UPD98409 データシート(HTML) 21 Page - NEC

Back Button UPD98409 Datasheet HTML 17Page - NEC UPD98409 Datasheet HTML 18Page - NEC UPD98409 Datasheet HTML 19Page - NEC UPD98409 Datasheet HTML 20Page - NEC UPD98409 Datasheet HTML 21Page - NEC UPD98409 Datasheet HTML 22Page - NEC UPD98409 Datasheet HTML 23Page - NEC UPD98409 Datasheet HTML 24Page - NEC UPD98409 Datasheet HTML 25Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
21
µµµµPD98409
Target write
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
FRAME_B setup time
tSFRAME
7ns
FRAME_B hold time
tHFRAME
2
Note 1
ns
AD (Address) setup time
tSADDR
7ns
AD (Address) hold time
tHADDR
2
Note 1
ns
AD (Data) setup time
tSDATA
7ns
AD (Data) hold time
tHDATA
2
Note 1
ns
PCBE_B setup time
tSPCBE
7ns
PCBE_B hold time
tHPCBE
2
Note 1
ns
IRDY_B setup time
tSIRDY
9
Note 2
ns
IRDY_B hold time
tHIRDY
2
Note 1
ns
CLK
↑ → TRDY_B valid time
tDTRDY
211
ns
CLK
↑ → TRDY_B float time
tDTRDYF
28
ns
CLK
↑ → DEVSEL_B valid time
tDDEVSEL
211
ns
CLK
↑ → DEVSEL_B float time
tDDEVSELF
28
ns
PAR setup time
tSPAR
7ns
PAR hold time
tHPAR
2
Note 1
ns
CLK
↑ → PERR_B valid time
tDPERR
211
ns
CLK
↑ → PERR_B float time
tDPERRF
28
ns
Notes 1.
Relaxed specification from PCI Local Bus Specification Revision 2.1 0 ns
→ 2 ns
2.
Relaxed specification from PCI Local Bus Specification Revision 2.1 7 ns
→ 9 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36