データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RED360 データシート(PDF) 2 Page - LSI Computer Systems

部品番号 RED360
部品情報  AC LINE FREQUENCY DIVIDERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LSI [LSI Computer Systems]
ホームページ  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

RED360 データシート(HTML) 2 Page - LSI Computer Systems

  RED360 Datasheet HTML 1Page - LSI Computer Systems RED360 Datasheet HTML 2Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS: (TA = 25° unless otherwise specified)
TEST CONDITIONS: Vss = OV
Output Capacitance Load = 15 pF
Input Rise and Fall times = 20 ns,
except clock Rise and Fall times
Input Capacitance = 5pF max (any input)
VDD
Min
Max
Units
Quiescent Device Current
5V
-
10
uA
10V
-
20
uA
Output Voltage, Low Level
5V
-
0.0
V
10V
-
0.0
V
High Level
5V
4.99
-
V
10V
9.99
-
V
Clock Input Voltage, Low Level
5V
-
1
V
10V
-
2
V
High Level
5V
4
-
V
10V
8
-
V
Input Noise Immunity (except clock)
5V
1.5
-
V
(Low and High)
10V
3.0
-
V
Output Drive Current
Full
N Channel Sink Current
4.5V
0.18
-
mA
Temp. (Vout - Vss +.4v)
10V
0.45
-
mA
Range
P Channel Sink Current
4.5V
0.3
-
mA
(Vout - VDD -1)
10V
0.75
-
mA
VDD
MIN
MAX
UNITS
Clock Rise and Fall Time:
5V
No Maximum Limit
-
10V
No Maximum Limit
-
Clock Frequency
5V
DC
600
kHz
10V
DC
1200
kHz
Input Clock Pulse Width
5V
800
-
ns
10V
400
-
ns
Output Rise and Fall Time
5V
-
225
ns
10V
-
150
ns
Propagation Delay to Output
5V
-
1500
ns
10V
-
750
ns
Enable Set-up Time
5V
-
300
ns
10V
-
150
ns
Reset Pulse Width
5V
800
-
ns
10V
400
-
ns
Reset Removal Time
5V
-
1200
ns
10V
-
600
ns
Reset Propagation Delay
5V
-
1400
ns
to Output
10V
-
700
ns
RED-062600-2
CL IN
CL
CL
R
E
E
5
PULSE SHAPER
INPUT CLOCK GENERATOR
6
ENABLE
E
E
2
RESET
R
8
3
4
+4.5V to +15V
GND
N/C
VDD
VSS
7
DIVISION SELECT
DS
3 BIT
JOHNSON
+5/6
3 BIT
JOHNSON
+5/6
3 BIT
JOHNSON
÷10
5 BIT
JOHNSON
÷10
3 BIT
JOHNSON
÷6
5 BIT
JOHNSON
÷10
1 BIT
÷2
CL
CL
CL
CL
D3000/3600
D100/120
RED 5/6,50/60,
300/360,3000/3600
RED 100/120
RED 500/600
R
R
CL2
CL2
CL2
CL2
CL1
CL1
CL1
CL1
CL3
CL3
3 BIT
JOHNSON
+5/6
5 BIT
JOHNSON
÷10
5 BIT
JOHNSON
÷10
CL
CL
D500/600
R
CL2
CL2
CL1
CL1
D5/6
D50/60
D300/360
1
DS
DS
DS
1
1
1
1
1
FIGURE 2. BLOCK DIAGRAM



Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com