| データシートサーチシステム |
|
RED3600 データシート(PDF) 2 Page - LSI Computer Systems |
|
|
|||||||||||||||||||||||||||||
RED3600 データシート(HTML) 2 Page - LSI Computer Systems |
|
2 / 2 page ![]() ELECTRICAL CHARACTERISTICS: (TA = 25° unless otherwise specified) TEST CONDITIONS: Vss = OV Output Capacitance Load = 15 pF Input Rise and Fall times = 20 ns, except clock Rise and Fall times Input Capacitance = 5pF max (any input) VDD Min Max Units Quiescent Device Current 5V - 10 uA 10V - 20 uA Output Voltage, Low Level 5V - 0.0 V 10V - 0.0 V High Level 5V 4.99 - V 10V 9.99 - V Clock Input Voltage, Low Level 5V - 1 V 10V - 2 V High Level 5V 4 - V 10V 8 - V Input Noise Immunity (except clock) 5V 1.5 - V (Low and High) 10V 3.0 - V Output Drive Current Full N Channel Sink Current 4.5V 0.18 - mA Temp. (Vout - Vss +.4v) 10V 0.45 - mA Range P Channel Sink Current 4.5V 0.3 - mA (Vout - VDD -1) 10V 0.75 - mA VDD MIN MAX UNITS Clock Rise and Fall Time: 5V No Maximum Limit - 10V No Maximum Limit - Clock Frequency 5V DC 600 kHz 10V DC 1200 kHz Input Clock Pulse Width 5V 800 - ns 10V 400 - ns Output Rise and Fall Time 5V - 225 ns 10V - 150 ns Propagation Delay to Output 5V - 1500 ns 10V - 750 ns Enable Set-up Time 5V - 300 ns 10V - 150 ns Reset Pulse Width 5V 800 - ns 10V 400 - ns Reset Removal Time 5V - 1200 ns 10V - 600 ns Reset Propagation Delay 5V - 1400 ns to Output 10V - 700 ns RED-062600-2 CL IN CL CL R E E 5 PULSE SHAPER INPUT CLOCK GENERATOR 6 ENABLE E E 2 RESET R 8 3 4 +4.5V to +15V GND N/C VDD VSS 7 DIVISION SELECT DS 3 BIT JOHNSON +5/6 3 BIT JOHNSON +5/6 3 BIT JOHNSON ÷10 5 BIT JOHNSON ÷10 3 BIT JOHNSON ÷6 5 BIT JOHNSON ÷10 1 BIT ÷2 CL CL CL CL D3000/3600 D100/120 RED 5/6,50/60, 300/360,3000/3600 RED 100/120 RED 500/600 R R CL2 CL2 CL2 CL2 CL1 CL1 CL1 CL1 CL3 CL3 3 BIT JOHNSON +5/6 5 BIT JOHNSON ÷10 5 BIT JOHNSON ÷10 CL CL D500/600 R CL2 CL2 CL1 CL1 D5/6 D50/60 D300/360 1 DS DS DS 1 1 1 1 1 FIGURE 2. BLOCK DIAGRAM |