| データシートサーチシステム |
|
M30620FCAFP データシート(PDF) 41 Page - Mitsubishi Electric Semiconductor |
|
|
|||||||||||||||||||||||||||||
M30620FCAFP データシート(HTML) 41 Page - Mitsubishi Electric Semiconductor |
|
41 / 274 page ![]() Mitsubishi microcomputers M16C / 62A Group SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER Power control 41 Power control The following is a description of the three available power control modes: Modes Power control is available in three modes. (a) Normal operation mode • High-speed mode Divide-by-1 frequency of the main clock becomes the BCLK. The CPU operates with the internal clock selected. Each peripheral function operates according to its assigned clock. • Medium-speed mode Divide-by-2, divide-by-4, divide-by-8, or divide-by-16 frequency of the main clock becomes the BCLK. The CPU operates according to the internal clock selected. Each peripheral function oper- ates according to its assigned clock. • Low-speed mode fC becomes the BCLK. The CPU operates according to the fc clock. The fc clock is supplied by the secondary clock. Each peripheral function operates according to its assigned clock. • Low power consumption mode The main clock operating in low-speed mode is stopped. The CPU operates according to the fC clock. The fc clock is supplied by the secondary clock. The only peripheral functions that operate are those with the sub-clock selected as the count source. (b) Wait mode The CPU operation is stopped. The oscillators do not stop. (c) Stop mode All oscillators stop. The CPU and all built-in peripheral functions stop. This mode, among the three modes listed here, is the most effective in decreasing power consumption. Figure 1.10.5 is the state transition diagram of the above modes. |