| データシートサーチシステム |
|
M30620FCAFP データシート(PDF) 235 Page - Mitsubishi Electric Semiconductor |
|
|
|||||||||||||||||||||||||||||
M30620FCAFP データシート(HTML) 235 Page - Mitsubishi Electric Semiconductor |
|
235 / 274 page ![]() Functions To Inhibit Rewriting Flash Memory Version (Flash Memory Version) Mitsubishi microcomputers M16C / 62A Group SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 235 ID Code Check Function Use this function in standard serial I/O mode. When the contents of the flash memory are not blank, the ID code sent from the peripheral unit is compared with the ID code written in the flash memory to see if they match. If the ID codes do not match, the commands sent from the peripheral unit are not accepted. The ID code consists of 8-bit data, the areas of which, beginning with the first byte, are 0FFFDF16, 0FFFE316, 0FFFEB16, 0FFFEF16, 0FFFF316, 0FFFF716, and 0FFFFB16. Write a program which has had the ID code preset at these addresses to the flash memory. Figure 1.27.2. ID code store addresses Reset vector Watchdog timer vector Single step vector Address match vector BRK instruction vector Overflow vector Undefined instruction vector ID7 ID6 ID5 ID4 ID3 ID2 ID1 DBC vector NMI vector 0FFFFC16 to 0FFFFF16 0FFFF816 to 0FFFFB16 0FFFF416 to 0FFFF716 0FFFF016 to 0FFFF316 0FFFEC16 to 0FFFEF16 0FFFE816 to 0FFFEB16 0FFFE416 to 0FFFE716 0FFFE016 to 0FFFE316 0FFFDC16 to 0FFFDF16 4 bytes Address |