| データシートサーチシステム |
|
WCS1301 データシート(PDF) 3 Page - Winson Semiconductor Corp. |
|
|
|||||||||||||||||||||||||||||
WCS1301 データシート(HTML) 3 Page - Winson Semiconductor Corp. |
|
3 / 4 page ![]() WCS1301,1302,1303,1304 Winson reserves the right to make changes to improve reliability or manufacturability. ©Winson, 2015/2/6 Current Characteristics: (T=+25 ˚C, Vdd=5.0V ) Charactieristic Symbol Part No Min. Typ. Max. Unit Operating Point Iop WCS1301 0.6 0.8 1.0 WCS1302 1.0 1.5 2.0 A WCS1303 2.0 2.5 3.0 WCS1304 3.0 3.5 4.0 Release Point Irp WCS1301 0.2 WCS1302 0.5 A WCS1303 1.5 WCS1304 2.2 Hysteresis Current Ihys 0.2 0.8 A Application Circuit: |