データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

WSH137 データシート(PDF) 1 Page - Winson Semiconductor Corp.

部品番号 WSH137
部品情報  Linear Hall Effect Sensor IC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WINSON [Winson Semiconductor Corp.]
ホームページ  http://www.winson.com.tw
Logo WINSON - Winson Semiconductor Corp.

WSH137 データシート(HTML) 1 Page - Winson Semiconductor Corp.

  WSH137 Datasheet HTML 1Page - Winson Semiconductor Corp. WSH137 Datasheet HTML 2Page - Winson Semiconductor Corp. WSH137 Datasheet HTML 3Page - Winson Semiconductor Corp. WSH137 Datasheet HTML 4Page - Winson Semiconductor Corp. WSH137 Datasheet HTML 5Page - Winson Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
WSH137
Winson reserves the right to make changes to improve reliability or manufacturability.
©Winson, 2015/5/7
Linear Hall Effect Sensor IC
Features:
 Wide operating range 3.0~12V, -40℃~125℃
 Flat Response to 23kHz
 High Sensitivity 4.3mV/G
 Wide sensible magnetic field range on different supplied voltage
±450 Gauss on 5V supplied voltage
±1,000 Gauss on 12V supplied voltage. Low operating current 3mA
 Two package styles TO-92S/SOT-23 available.
 Built-in temperature compensated circuit to minimize temperature’s effect
Functional Description :
The W137 integrates Hall sensing element, linear amplifer, sensitivity
controller and emitter follower output stage.It accurately tracks extremely small
change in magnetic flux density –generally too small to operate Hall effect
switch.
W137 can be applied as current sensor, tooth sensor, proximity detectors
and motion detectors. As sensitive monitor of magnetic flux, it can effectively
measure a system’s performance with negligible system loading while
providing isolation from contaminated and electrically noisy environments.


同様の部品番号 - WSH137

メーカー部品番号データシート部品情報
logo
DIWELL Electronics Co.,...
WSH137 DIWELL-WSH137 Datasheet
450Kb / 5P
Linear Hall Effect Sensor IC
2017/12/22
More results

同様の説明 - WSH137

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
WSH201 ETC2-WSH201 Datasheet
88Kb / 3P
Linear Hall Effect Sensor IC
logo
Winson Semiconductor Co...
WSH201 WINSON-WSH201 Datasheet
119Kb / 3P
Linear Hall Effect Sensor IC
WSH138 WINSON-WSH138 Datasheet
256Kb / 5P
Linear Hall Effect Sensor IC
WSH135 WINSON-WSH135_17 Datasheet
236Kb / 4P
Linear Hall Effect Sensor IC
logo
Micronas
HAL411 MICRONAS-HAL411 Datasheet
1Mb / 18P
Linear Hall-Effect Sensor IC
logo
DIWELL Electronics Co.,...
WSH136 DIWELL-WSH136 Datasheet
432Kb / 5P
Linear Hall Effect Sensor IC
2017/12/22
WSH137 DIWELL-WSH137 Datasheet
450Kb / 5P
Linear Hall Effect Sensor IC
2017/12/22
WSH138 DIWELL-WSH138 Datasheet
482Kb / 5P
Linear Hall Effect Sensor IC
2017/12/22
WSH202 DIWELL-WSH202 Datasheet
487Kb / 5P
Linear Hall Effect Sensor IC
2017/12/22
WSH203 DIWELL-WSH203 Datasheet
518Kb / 5P
Linear Hall Effect Sensor IC
2017/12/22
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com