| データシートサーチシステム |
|
2N7002VC-7 データシート(PDF) 3 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
2N7002VC-7 データシート(HTML) 3 Page - Diodes Incorporated |
|
3 / 4 page ![]() 2N7002VC/VAC -50 0 50 100 150 250 200 150 50 100 0 T , AMBIENT TEMPERATURE ( C) Fig. 1, Derating Curve - Total A ° Package Outline Dimensions Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for latest version. Suggested Pad Layout Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for latest version. SOT563 Dim Min Max Typ A 0.15 0.30 0.20 B 1.10 1.25 1.20 C 1.55 1.70 1.60 D - - 0.50 G 0.90 1.10 1.00 H 1.50 1.70 1.60 K 0.55 0.60 0.60 L 0.10 0.30 0.20 M 0.10 0.18 0.11 All Dimensions in mm Dimensions Value (in mm) Z 2.2 G 1.2 X 0.375 Y 0.5 C1 1.7 C2 0.5 A M L B C H K G D X Z Y C1 C2 C2 G 2N7002VC/VAC Document number: DS30639 Rev. 7 - 2 3 of 4 www.diodes.com August 2014 © Diodes Incorporated |