データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RF2051 データシート(PDF) 19 Page - RF Micro Devices

部品番号 RF2051
部品情報  HIGH PERFORMANCE WIDEBAND RF PLL/VCO WITH INTEGRATED RF MIXERS
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RFMD [RF Micro Devices]
ホームページ  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2051 データシート(HTML) 19 Page - RF Micro Devices

Back Button RF2051 Datasheet HTML 15Page - RF Micro Devices RF2051 Datasheet HTML 16Page - RF Micro Devices RF2051 Datasheet HTML 17Page - RF Micro Devices RF2051 Datasheet HTML 18Page - RF Micro Devices RF2051 Datasheet HTML 19Page - RF Micro Devices RF2051 Datasheet HTML 20Page - RF Micro Devices RF2051 Datasheet HTML 21Page - RF Micro Devices RF2051 Datasheet HTML 22Page - RF Micro Devices RF2051 Datasheet HTML 23Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 39 page
background image
19 of 39
RF2051
DS140110
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Programming the RF2051
The figure below shows an overview of the device programming.
Note: The set-up processes 1 to 2, 2 to 3, and 3 to 4 are explained further below.
Additional information on device use and programming can be found on the RF205X family page of the RFMD web site
(http://www.rfmd.com/rf205x). The following documents may be particularly helpful:
• RF205x Frequency Synthesizer User Guide
• RF205x Calibration User Guide
Device off
Set-up device
operation
Set operating
frequencies
Set calibration
mode
ENABLE device
Apply power
1
2
3
4
Reset device
Apply power to the device.
Ensure the device is set into a known and correct
state.
To use the device it will be necessary to program the
registers with the desired contents to achieve the
required operating characteristics.
See following sections for details.
When programming is complete the device can be
enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39