| データシートサーチシステム |
|
RF2052 データシート(PDF) 17 Page - RF Micro Devices |
|
|
|||||||||||||||||||||||||||||
RF2052 データシート(HTML) 17 Page - RF Micro Devices |
|
17 / 37 page ![]() 17 of 37 RF2052 DS140110 7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com. Programming the RF2052 The figure below shows an overview of the device programming. Note: The set-up processes 1 to 2, 2 to 3, and 3 to 4 are explained further below. Additional information on device use and programming can be found on the RF205x family page of the RFMD web site (http://www.rfmd.com/rf205x). The following documents may be particularly helpful: • RF205x Frequency Synthesizer User Guide • RF205x Calibration User Guide Device off Set-up device operation Set operating frequencies Set calibration mode ENABLE device Apply power 1 2 3 4 Reset device Apply power to the device. Ensure the device is set into a known and correct state. To use the device it will be necessary to program the registers with the desired contents to achieve the required operating characteristics. See following sections for details. When programming is complete the device can be enabled. |