| データシートサーチシステム |
|
MA4M2002 データシート(PDF) 3 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
MA4M2002 データシート(HTML) 3 Page - Tyco Electronics |
|
3 / 4 page ![]() M/A-COM Division of AMP Incorporated s North America: Tel. (800) 366-2266, Fax (800) 618-8883 s Asia/Pacific: Tel.+85 2 2111 8088, Fax +85 2 2111 8087 s Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020 www.macom.com AMP and Connecting at a Higher Level are trademarks. Specifications subject to change without notice. MNS Microwave Chip Capacitors MA4M Series V3.00 Case Style C A B C A B Chip INCHES MILLIMETERS Style DIM. MIN. MAX. MIN. MAX. 132 A 0.020 0.024 0.51 0.61 B 0.003 0.008 0.08 0.203 199 A 0.027 0.031 0.69 0.79 B 0.004 0.008 0.10 0.203 200 A 0.037 0.041 0.94 1.04 B 0.004 0.008 0.10 0.203 201 A 0.047 0.051 1.19 1.30 B 0.004 0.008 0.10 0.203 263 A — 0.060 — 1.52 B 0.004 0.008 0.10 0.203 Note: For “C” dimension on above case styles, see specifications. Chip INCHES MILLIMETERS Style DIM. MIN. MAX. MIN. MAX. 350 A 0.018 0.021 0.46 0.53 B — 0.008 — 0.203 C — 0.009 — 0.23 351 A 0.018 0.021 0.46 0.53 B — 0.008 — 0.203 C — 0.012 — 0.30 352 A 0.018 0.021 0.46 0.53 B — 0.008 — 0.203 C — 0.015 — 0.38 354 A 0.020 0.023 0.51 0.58 B — 0.008 — 0.203 C — 0.018 — 0.46 358 A 0.018 0.021 0.46 0.53 B — 0.008 — 0.203 C — 0.013 — 0.33 359 A 0.018 0.021 0.46 0.53 B — 0.008 — 0.203 C — 0.016 — 0.41 |