| データシートサーチシステム |
|
HTX データシート(PDF) 28 Page - RMT Ltd. |
|
|
|||||||||||||||||||||||||||||
HTX データシート(HTML) 28 Page - RMT Ltd. |
|
28 / 36 page ![]() THERMOELECTRIC HEAT FLUX SENSORS Page 28 of 36 9. SELF-CALIBRATION PROCEDURE 9.1 Method Sensitivity of thermoelectric Heat Flux Sensor Sa: �������� = ���� �������� = ���� × ���� × �������� (10.1) where U – Sensor signal at total heat flux Pa; N – number of thermoelement pairs in the Sensor; S – sensitive surface area; RT – thermal resistance of Sensor ; – averaged Seebeck coefficient for pair of n- and p-type thermoelements. Figure-of Merit Z of thermoelectric Sensor ���� = (���� × ����)2 × �������� ������������� (10.2) where ACR – AC resistance of the heat fux Sensor. The calibration expression with use of Z, ACR and Seebeck coefficient are the following �������� = 1 ���� × ���� ���� × ������������ (10.3) �������� = �������� × ���� = S ���� × ���� ���� × ������������ (10.4) where S – sensitive surface area. Thus, according to the formulas (10.3-10.4) the sensitivity calibration of the thermoelectric Heat Flux Sensor is available with use: - Construction parameters of the Sensor: number of pellets pairs N; and size of sensitive surface S. The parameters are given in datasheets and Specifications (Chapter 3. Specifications); |