| データシートサーチシステム |
|
IRF3708LPBF データシート(PDF) 9 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
IRF3708LPBF データシート(HTML) 9 Page - International Rectifier |
|
9 / 11 page ![]() IRF3708/S/LPbF www.irf.com 9 ASSEMBLY LOT CODE RECTIFIER INTERNATIONAL AS SEMBLED ON WW 19, 1997 Note: "P" in assembly line position indicates "Lead-Free" IN THE ASS EMBLY LINE "C" LOGO THIS IS AN IRL3103L LOT CODE 1789 EXAMPLE: LINE C DATE CODE WEEK 19 YEAR 7 = 1997 PART NUMBER PART NUMBER LOGO LOT CODE ASS EMBLY INTERNATIONAL RECTIFIER PRODUCT (OPTIONAL) P = DES IGNATES LEAD-FREE A = AS SEMBLY S ITE CODE WEEK 19 YEAR 7 = 1997 DATE CODE OR TO-262 Part Marking Information TO-262 Package Outline IGBT 1- GATE 2- COLLECTOR 3- EMITTER |